Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBC-221CS-GNA1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UBC-221CS-GNA1E
Description  Intel Quark x1000 2.5" IoT Gateway
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UBC-221CS-GNA1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UBC-221CS-GNA1E Datasheet HTML 1Page - Advantech Co., Ltd. UBC-221CS-GNA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Solutions
Features
ƒ Intel Quark x1000 Single core 400MHz
ƒ On-board DDR3 800MHz 512MB
ƒ Support 4 GPIO and 1 UART
ƒ Support 2x 10/100 Ethernets and 1x MiniPCIe sockets
ƒ Yocto Linux
ƒ Supports a flexible mount
UBC-221
Intel Quark x1000 2.5" IoT Gateway
Introduction
UBC-221 is an Advantech IoT gateway powered by Intel Quark x1000 processor which is a sufficient performance and cost efficient solution for IoT application. UBC-221 support
multiple connections. Also, the PoE and web-base manangement will be easy for user to installation and maintenace.
Specifications
Form Factor
Box Computing
Processor System
CPU
Intel Quark x1000 400MHz
Technology
DDR3 800 MHz
Capacity
On-board DDR3 512 MB
Flash
4 MB SPI NOR Flash for Advantech boot loader
Ethernet
Chipset
onboard
Speed
2 x 10/100 Mbps (one with optional PoE support)
WatchDog Timer
1 ~ 256 level
I/O
USB
1 USB 2.0 host
SDIO
1 4-bit SD Socket
Serial Port
1 UART (support 4 wires)
CAN
-
GPIO
2 pins for GPI (with isolation support)
2 pins for GPO
LED
1 Power LED
1 LED with programmable ability
Button
-
Expansion
Mini PCIe
1 x mini PCIe slot (PCIe and USB signals)
SD Socket
1 x SD slot
Power
Power Supply Voltage
+12V
Power Type
DC-in
Power Consumption
TBC
Environment
Operational Temperature
0 ~ 40° C
Operating Humidity
5%~95% Relative Humidity, non-condensing
Box Computing
Dimensions (L x W x H)
108 x 79 x 30 mm
Operating System
Yocto Linux
Certifications
CE/FCC Class B
Preliminary
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 21-May-2015


Similar Part No. - UBC-221CS-GNA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBC-221CS-GNA1E ADVANTECH-UBC-221CS-GNA1E Datasheet
649Kb / 2P
   Intel Quark x1000 2.5" IoT Gateway
UBC-221CS-GNA1E ADVANTECH-UBC-221CS-GNA1E Datasheet
536Kb / 2P
   Intel Quark SoC X1000 2.5' IoT Gateway
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com