Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650BCPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # ICL7650BCPA
Description  Chopper-Stabilized Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7650BCPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  ICL7650BCPA Datasheet HTML 1Page - Maxim Integrated Products ICL7650BCPA Datasheet HTML 2Page - Maxim Integrated Products ICL7650BCPA Datasheet HTML 3Page - Maxim Integrated Products ICL7650BCPA Datasheet HTML 4Page - Maxim Integrated Products ICL7650BCPA Datasheet HTML 5Page - Maxim Integrated Products ICL7650BCPA Datasheet HTML 6Page - Maxim Integrated Products ICL7650BCPA Datasheet HTML 7Page - Maxim Integrated Products ICL7650BCPA Datasheet HTML 8Page - Maxim Integrated Products ICL7650BCPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Chopper-Stabilized Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—ICL7650/ICL7653
(Circuit of Figure 1, V+ = +5V, V- = -5V, TA = +25°C, unless otherwise noted.) (Note 5)
ELECTRICAL CHARACTERISTICS—ICL7650B/ICL7653B (continued)
(Circuit of Figure 1, V+ = +5V, V- = -5V, TA = +25°C, unless otherwise noted.)
Note 2: IOS = 2 · IBIAS
Note 3: OUTPUT and CLAMP pins not connected.
Note 4: See Output Clamp section for details.
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
-4.0V < VOUT < +4.0V
pA
1
Clamp Off Current (Note 4)
No load
nV/
√month
100
Offset Voltage vs. Time
0°C
≤ TA ≤ +70°C
-20°C
≤ TA ≤ +85°C
-55°C
≤ TA ≤ +125°C
0°C
≤ TA ≤ +70°C
RL = 100k
RL = 10k
-55°C
≤ TA ≤ +125°C
ICL765_
TA = +25°C
ICL765_
(Note 6)
CONDITIONS
V
-5.0 -5.2 to +3.0
2.5
CMVR
Common-Mode Voltage Range
±4.95
V
±4.7
±4.85
VOUT
Output Voltage Swing (Note 3)
0.2
· 108
1012
RIN
Input Resistance
0.3
10
50
200
20
100
±10
±50
µV
±0.7
±5.0
VOS
Input Offset Voltage
±1.0
±10
±1.0
±10
±1.0
±10
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ICL765_
ICL765_B, 0°C
≤ TA ≤ +70°C
0.01
0.1
µV/°C
0.01
0.05
∆VOS
∆T
Average Temperature Coefficient
of Input Offset Voltage (Note 6)
ICL765_
ICL765_B
0°C
≤ TA ≤ +70°C
-20°C
≤ TA ≤ +85°C
-55°C
≤ TA ≤ +125°C
0.01
0.05
0.01
0.05
0.25
1.5
TA = +25°C
410
pA
IB
Input Bias Current
12
20
ICL765_B
ICL765_
RL = 10k
Ω, TA = +25°C
V/V
1
· 108
5
· 108
AVOL
Large-Signal Voltage Gain
0°C
≤ TA ≤ +70°C
0.5
· 108
-20°C
≤ TA ≤ +85°C
0.5
· 108
-20°C
≤ TA ≤ +85°C
-5.0 -5.2 to +3.0
2.5
-55°C
≤ TA ≤ +125°C
-4.5 -4.0 to +3.0
2.5
0°C
≤ TA ≤ +70°C
-20°C
≤ TA ≤ +85°C
-55°C
≤ TA ≤ +85°C
+85°C
≤ TA ≤ +125°C
RL = 100k
µA
25
70
200
Clamp On Current (Note 4)
Pins 12–14 open (DIP)
Hz
120
200
375
fch
Internal Chopping Frequency


Similar Part No. - ICL7650BCPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7650 INTERSIL-ICL7650 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7650-SCPD INTERSIL-ICL7650-SCPD Datasheet
328Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Linear Technology
ICL7650CPA LINER-ICL7650CPA Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
ICL7650CPD LINER-ICL7650CPD Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
ICL7650CTV LINER-ICL7650CTV Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
More results

Similar Description - ICL7650BCPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
233A ETC1-233A Datasheet
36Kb / 1P
   CHOPPER STABILIZED AMPLIFER
logo
Intronics Power, Inc.
233 INTRONICS-233 Datasheet
99Kb / 1P
   CHOPPER STABILIZED AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
Maxim Integrated Produc...
ICL7652 MAXIM-ICL7652 Datasheet
428Kb / 11P
   Chopper Stabilized Operatlonal Amplifier
19-3031; Rev 0; 1988
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
[Old version datasheet]   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Allegro MicroSystems
A3282 ALLEGRO-A3282 Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com