Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG7PSH73K10PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG7PSH73K10PBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PSH73K10PBF Datasheet(HTML) 2 Page - International Rectifier

  IRG7PSH73K10PBF Datasheet HTML 1Page - International Rectifier IRG7PSH73K10PBF Datasheet HTML 2Page - International Rectifier IRG7PSH73K10PBF Datasheet HTML 3Page - International Rectifier IRG7PSH73K10PBF Datasheet HTML 4Page - International Rectifier IRG7PSH73K10PBF Datasheet HTML 5Page - International Rectifier IRG7PSH73K10PBF Datasheet HTML 6Page - International Rectifier IRG7PSH73K10PBF Datasheet HTML 7Page - International Rectifier IRG7PSH73K10PBF Datasheet HTML 8Page - International Rectifier IRG7PSH73K10PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRG7PSH73K10PbF
2
www.irf.com
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Bond wire current limit is 195A. Note that current
limitations arising from heating of the device leads may occur with
some lead mounting arrangements.
(Refer to AN-1140)
‚ VCC = 80% (VCES), VGE = 20V, L = 20μH, RG = 5.0Ω.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
… Rθ is measured at TJ of approximately 90°C.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
1200
V
VGE = 0V, IC = 250μA f
ΔV(BR)CES/ΔTJ Temperature Coeff. of Breakdown Voltage
1.58
V/°C VGE = 0V, IC = 5.0mA (25°C-175°C) f
—2.0
2.3
IC = 75A, VGE = 15V, TJ = 25°C e
VCE(on)
Collector-to-Emitter Saturation Voltage
2.50
V
IC = 75A, VGE = 15V, TJ = 150°C e
—2.60
IC = 75A, VGE = 15V, TJ = 175°C e
VGE(th)
Gate Threshold Voltage
5.0
7.5
V
VCE = VGE, IC = 3.5mA
ΔVGE(th)/ΔTJ
Threshold Voltage temp. coefficient
-18
mV/°C VCE = VGE, IC = 3.5mA (25°C - 175°C)
gfe
Forward Transconductance
53
S
VCE = 50V, IC = 75A, PW = 80μs
ICES
Collector-to-Emitter Leakage Current
1.0
25
VGE = 0V, VCE = 1200V, TJ = 25°C
2340
VGE = 0V, VCE = 1200V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
±400
nA
VGE = ±30V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Qg
Total Gate Charge (turn-on)
360
540
IC = 75A e
Qge
Gate-to-Emitter Charge (turn-on)
87
130
nC
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
180
270
VCC = 600V
Eon
Turn-On Switching Loss
7.7
8.7
IC = 75A, VCC = 600V, VGE = 15V e
Eoff
Turn-Off Switching Loss
4.6
5.6
mJ
RG = 4.7Ω, L = 200μH, TJ = 25°C
Etotal
Total Switching Loss
12.3
14.3
Energy losses include tail & diode reverse recovery
td(on)
Turn-On delay time
63
81
IC = 75A, VCC = 600V, VGE = 15VÃe
tr
Rise time
118
138
ns
RG = 4.7Ω, L = 200μH, TJ = 25°C
td(off)
Turn-Off delay time
267
291
tf
Fall time
114
134
Eon
Turn-On Switching Loss
11
IC = 75A, VCC = 600V, VGE=15VÃe
Eoff
Turn-Off Switching Loss
7.4
mJ
RG=4.7Ω, L=200μH, TJ = 175°C
Etotal
Total Switching Loss
18.4
Energy losses include tail & diode reverse recovery
td(on)
Turn-On delay time
62
IC = 75A, VCC = 600V, VGE=15V e
tr
Rise time
110
ns
RG = 4.7Ω, L = 200μH
td(off)
Turn-Off delay time
330
TJ = 175°C
tf
Fall time
237
Cies
Input Capacitance
9450
pF
VGE = 0V
Coes
Output Capacitance
340
VCC = 30V
Cres
Reverse Transfer Capacitance
230
f = 1.0Mhz
IC = 300A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 960V, Vp =1200V
Rg = 4.7
Ω, VGE = +20V to 0V, TJ =175°C
SCSOA
Short Circuit Safe Operating Area
10
μsVCC = 600V, Vp =1200V ,TJ = 150°C
Rg = 4.7
Ω, VGE = +15V to 0V
Conditions
μA


Similar Part No. - IRG7PSH73K10PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PSH73K10PBF IRF-IRG7PSH73K10PBF Datasheet
393Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG7PSH73K10PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com