Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7665IPA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # ICL7665IPA
Description  Microprocessor Voltage Monitor with
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7665IPA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button ICL7665IPA Datasheet HTML 2Page - Maxim Integrated Products ICL7665IPA Datasheet HTML 3Page - Maxim Integrated Products ICL7665IPA Datasheet HTML 4Page - Maxim Integrated Products ICL7665IPA Datasheet HTML 5Page - Maxim Integrated Products ICL7665IPA Datasheet HTML 6Page - Maxim Integrated Products ICL7665IPA Datasheet HTML 7Page - Maxim Integrated Products ICL7665IPA Datasheet HTML 8Page - Maxim Integrated Products ICL7665IPA Datasheet HTML 9Page - Maxim Integrated Products ICL7665IPA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
_______________Detailed Description
As shown in the block diagram of Figure 2, the Maxim
ICL7665 combines a 1.3V reference with two com-
parators, two open-drain N-channel outputs, and two
open-drain P-channel hysteresis outputs. The refer-
ence and comparator are very low-power linear CMOS
circuits, with a total operating current of 10
µA maxi-
mum, 3
µA typical. The N-channel outputs can sink
greater than 10mA, but are unable to source any cur-
rent. These outputs are suitable for wire-OR connections
and are capable of driving TTL inputs when an external
pull-up resistor is added.
The ICL7665 Truth Table is shown in Table 1. OUT1 is
an inverting output; all other outputs are noninverting.
HYST1 and HYST2 are P-channel current sources
whose sources are connected to V+. OUT1 and OUT2
are N-channel current sinks with their sources connect-
ed to ground. Both OUT1 and OUT2 can drive at least
one TTL load with a VOL of 0.4V.
In spite of the very low operating current, the ICL7665
has a typical propagation delay of only 75
µs. Since the
comparator input bias current and the output leakages
are very low, high-impedance external resistors can be
used. This design feature minimizes both the total sup-
ply current used and loading on the voltage source that
is being monitored.
Microprocessor Voltage Monitor with
Dual Over/Undervoltage Detection
6
_______________________________________________________________________________________
Figure 1. Test Circuit
HYST2 = OFF = LOW
OUT2 = ON = LOW
VSET2 < 1.3V
HYST2 = ON = HI
OUT2 = OFF = HI
VSET2 > 1.3V
HYST1 = OFF = LOW
OUT1 = OFF = HI
VSET1 < 1.3V
HYST1 = ON = HI
OUT1 = ON = LOW
VSET1 > 1.3V
HYSTERESIS
OUTPUT
INPUT*
Table 1. ICL7665 Truth Table
V+
HYST1
HYST2
OUT1
OUT2
TO V+
SET2
SET1
1.3V
BANDGAP
REFERENCE
Figure 2. Block Diagram
1
2
3
4
8
7
6
5
ICL7665
OUT1
HYST1
SET1
GND
V+
OUT2
SET2
HSYT2
12pF
12pF
12pF
12pF
OUT1
HYST1
OUT2
HSYT2
4.7k
4.7k
V+
1.6V
1.0V
INPUT
20k
20k
* See Electrical Characteristics
OUT1 is an inverting output; all others are noninverting. OUT1
and OUT2 are open-drain, N-channel current sinks. HYST1
and HYST2 are open-drain, P-channel current sinks.


Similar Part No. - ICL7665IPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665 INTERSIL-ICL7665 Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665 INTERSIL-ICL7665 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665S INTERSIL-ICL7665S Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
logo
Renesas Technology Corp
ICL7665S RENESAS-ICL7665S Datasheet
765Kb / 6P
   Low Voltage Reference
Jan 2004
More results

Similar Description - ICL7665IPA

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8039 SSC-SS8039 Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC1232 TELCOM-TC1232 Datasheet
65Kb / 6P
   MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_13 Datasheet
282Kb / 20P
   Microprocessor Monitor
2002-2012 10/26/12
logo
California Micro Device...
CM1232 CALMIRCO-CM1232 Datasheet
171Kb / 4P
   CMOS MICROPROCESSOR MONITOR CIRCUIT
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
Maxim Integrated Produc...
MAX1232 MAXIM-MAX1232 Datasheet
174Kb / 6P
   MAX 1232 Microprocessor Monitor
19-3899; Rev 1; 2/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com