Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1002CAX Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1002CAX
Description  Low-Power, 60Msps, Dual, 6-Bit ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1002CAX Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1002CAX Datasheet HTML 4Page - Maxim Integrated Products MAX1002CAX Datasheet HTML 5Page - Maxim Integrated Products MAX1002CAX Datasheet HTML 6Page - Maxim Integrated Products MAX1002CAX Datasheet HTML 7Page - Maxim Integrated Products MAX1002CAX Datasheet HTML 8Page - Maxim Integrated Products MAX1002CAX Datasheet HTML 9Page - Maxim Integrated Products MAX1002CAX Datasheet HTML 10Page - Maxim Integrated Products MAX1002CAX Datasheet HTML 11Page - Maxim Integrated Products MAX1002CAX Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Low-Power, 60Msps, Dual, 6-Bit ADC
______________________________________________________________________________________
11
__________________Pin Configuration
___________________Chip Information
36
35
34
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VCC
DI5
DI4
DI3
DI2
DI1
DQ2
DI0
DCLK
VCCO
OGND
VCCO
DQ0
DQ1
QIN-
VCC
GND
GND
TNK-
TNK+
VCC
GND
VCC
IIN-
IIN+
IOCC-
IOCC+
GAIN
SSOP
TOP VIEW
MAX1002
22
21
20
19
15
16
17
18
GND
DQ3
DQ4
DQ5
GND
QOCC+
QOCC-
QIN+
TRANSISTOR COUNT: 6097


Similar Part No. - MAX1002CAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1002 MAXIM-MAX1002 Datasheet
93Kb / 8P
   User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
MAX1002EVKIT MAXIM-MAX1002EVKIT Datasheet
93Kb / 8P
   User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
MAX1002EVKIT-SO MAXIM-MAX1002EVKIT-SO Datasheet
93Kb / 8P
   User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
More results

Similar Description - MAX1002CAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1003 MAXIM-MAX1003 Datasheet
115Kb / 12P
   Low-Power, 90Msps, Dual 6-Bit ADC
19-1236; Rev 0; 6/97
MAX1446 MAXIM-MAX1446_08 Datasheet
250Kb / 20P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1446 MAXIM-MAX1446 Datasheet
282Kb / 16P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 7/03
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1011 MAXIM-MAX1011 Datasheet
111Kb / 12P
   Low-Power, 90Msps, 6-Bit ADC
19-1335; Rev 0a; 2/98
logo
Linear Technology
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com