Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1003 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1003
Description  Low-Power, 90Msps, Dual 6-Bit ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1003 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1003 Datasheet HTML 2Page - Maxim Integrated Products MAX1003 Datasheet HTML 3Page - Maxim Integrated Products MAX1003 Datasheet HTML 4Page - Maxim Integrated Products MAX1003 Datasheet HTML 5Page - Maxim Integrated Products MAX1003 Datasheet HTML 6Page - Maxim Integrated Products MAX1003 Datasheet HTML 7Page - Maxim Integrated Products MAX1003 Datasheet HTML 8Page - Maxim Integrated Products MAX1003 Datasheet HTML 9Page - Maxim Integrated Products MAX1003 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Single-ended and differential AC-coupled input circuits
are shown in Figures 2 and 3. Each of the amplifier
inputs is internally biased to a 2.35V reference through
a 20k
Ω resistor, eliminating external DC bias circuits. A
series 0.1µF capacitor is required at each amplifier
input for AC-coupled signals.
When operating with AC-coupled inputs, the input
amplifiers’ DC offset voltage is nulled to within ±1/2LSB
by an on-chip offset-correction amplifier. An external
compensation capacitor is required to set the dominant
pole of the offset-correction amplifier’s frequency
response (Figures 2 and 3). The compensation capaci-
tor will determine the low-frequency corner of the ana-
log input response according to the following formula:
fc = 1 / (0.1 x C)
where C is the value of the compensation capacitor in
µF, and fc is the corner frequency in Hz.
Low-Power, 90Msps, Dual 6-Bit ADC
6
_______________________________________________________________________________________
0
DIV
90Msps
DATA
BUFFER
TANK
MODCTL
CAR
SYNTHESIZER
FIN
IIN
AGC
CLK IN
DSP
QIN
ADC CLOCK
6 BITS
TANK
LO
TSA5055
or EQUIV.
90
MOD GND
AGC
IOUT
QOUT
VCC
FROM TANK VOLTAGE
VARACTOR-TUNED
PRESELECTION FILTER
EXTERNAL
VCO
OR
OR
KU BAND
75
Ω CABLE
950MHz TO 2150MHz
F-CONNECTOR
INPUT
MAX2102
MAX1003
DATA
BUFFER
LO
RFIN
RFIN
LNB
6 BITS
Figure 1. Commercial Satellite Receiver System


Similar Part No. - MAX1003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1003 MAXIM-MAX1003 Datasheet
93Kb / 8P
   User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
MAX1003EVKIT-SO MAXIM-MAX1003EVKIT-SO Datasheet
93Kb / 8P
   User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
More results

Similar Description - MAX1003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1011 MAXIM-MAX1011 Datasheet
111Kb / 12P
   Low-Power, 90Msps, 6-Bit ADC
19-1335; Rev 0a; 2/98
MAX1002 MAXIM-MAX1002 Datasheet
106Kb / 12P
   Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
logo
Linear Technology
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
logo
Maxim Integrated Produc...
MAX1191 MAXIM-MAX1191 Datasheet
492Kb / 27P
   Ultra-Low-Power, 7.5Msps, Dual 8-Bit ADC
Rev 1; 9/03
logo
Linear Technology
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Maxim Integrated Produc...
MAX1192 MAXIM-MAX1192 Datasheet
620Kb / 28P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
Rev 1; 9/03
logo
Linear Technology
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com