Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1036 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1036
Description  2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1036 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1036 Datasheet HTML 1Page - Maxim Integrated Products MAX1036 Datasheet HTML 2Page - Maxim Integrated Products MAX1036 Datasheet HTML 3Page - Maxim Integrated Products MAX1036 Datasheet HTML 4Page - Maxim Integrated Products MAX1036 Datasheet HTML 5Page - Maxim Integrated Products MAX1036 Datasheet HTML 6Page - Maxim Integrated Products MAX1036 Datasheet HTML 7Page - Maxim Integrated Products MAX1036 Datasheet HTML 8Page - Maxim Integrated Products MAX1036 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2.7V to 5.5V, Low-Power, 4-/12-Channel
2-Wire Serial 8-Bit ADCs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 3.6V (MAX1037/MAX1039), VDD = 4.5V to 5.5V (MAX1036/MAX1038). External reference, VREF = 2.048V
(MAX1037/MAX1039), VREF = 4.096V (MAX1036/MAX1038). External clock, fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
MAX1037/MAX1039
2.7
3.6
Supply Voltage (Note 10)
VDD
MAX1036/MAX1038
4.5
5.5
V
Internal REF, external clock
350
650
fSAMPLE =
188ksps
External REF, external clock
250
External REF, external clock
110
fSAMPLE =
75ksps
External REF, internal clock
150
External REF, external clock
8
fSAMPLE =
10ksps
External REF, internal clock
10
External REF, external clock
2
fSAMPLE =
1ksps
External REF, internal clock
2.5
Supply Current
IDD
Power-down
1
10
µA
Power-Supply Rejection Ratio
PSRR
(Note 11)
±0.25
±1
LSB/V
TIMING CHARACTERISTICS FOR 2-WIRE FAST MODE (Figures 1A and 2)
Serial Clock Frequency
fSCL
400
kHz
Bus Free Time Between a STOP
and a START Condition
tBUF
1.3
µs
Hold Time for Start Condition
tHD, STA
0.6
µs
Low Period of the SCL Clock
tLOW
1.3
µs
High Period of the SCL Clock
tHIGH
0.6
µs
Setup Time for a Repeated START
Condition (Sr)
tSU, STA
0.6
µs
Data Hold Time
tHD, DAT
(Note 12)
0
150
ns
Data Setup Time
tSU, DAT
100
ns
Rise Time of Both SDA and SCL
Signals, Receiving
tR
(Note 13)
20 + 0.1CB
300
ns
Fall Time of SDA Transmitting
tF
(Note 13)
20 + 0.1CB
300
ns
Setup Time for STOP Condition
tSU, STO
0.6
µs
Capacitive Load for Each Bus Line
CB
400
pF
Pulse Width of Spike Suppressed
tSP
50
ns
TIMING CHARACTERISTICS FOR 2-WIRE HIGH-SPEED MODE (Figures 1B and 2)
Serial Clock Frequency
fSCLH
(Note 14)
1.7
MHz
Hold Time (Repeated) Start
Condition
tHD, STA
160
ns
Low Period of the SCL Clock
tLOW
320
ns
High Period of the SCL Clock
tHIGH
120
ns


Similar Part No. - MAX1036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1036 MAXIM-MAX1036 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX1036EKA+T MAXIM-MAX1036EKA+T Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
More results

Similar Description - MAX1036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com