Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAP50-05 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAP50-05
Description  General purpose PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP50-05 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAP50-05_15 Datasheet HTML 1Page - NXP Semiconductors BAP50-05_15 Datasheet HTML 2Page - NXP Semiconductors BAP50-05_15 Datasheet HTML 3Page - NXP Semiconductors BAP50-05_15 Datasheet HTML 4Page - NXP Semiconductors BAP50-05_15 Datasheet HTML 5Page - NXP Semiconductors BAP50-05_15 Datasheet HTML 6Page - NXP Semiconductors BAP50-05_15 Datasheet HTML 7Page - NXP Semiconductors BAP50-05_15 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 May 10
4
NXP Semiconductors
Product specification
General purpose PIN diode
BAP50-05
GRAPHICAL DATA
Fig.2
Forward resistance as a function of the
forward current; typical values.
f= 100 MHz; Tj =25 C.
handbook, halfpage
103
10
102
1
MGS317
10−2
10−1
110
IF (mA)
r
D
(
Ω)
Fig.3
Diode capacitance as a function of reverse
voltage; typical values.
f= 1MHz; Tj =25 C.
handbook, halfpage
103
102
MGS318
10−1
110
102
VR (V)
Cd
(fF)
Fig.4
Insertion loss (
S
21
2) of the diode in on-state
as a function of frequency; typical values.
handbook, halfpage
0.5
3
f (GHz)
|S21|
2
(dB)
0
−5
−4
MGS319
−3
−2
−1
1
(1)
(2)
(3)
1.5
2
2.5
(1) IF =10 mA.
(2) IF =1 mA.
(3) IF =0.5 mA.
Diode inserted in series with a 50
 stripline circuit and
biased via the analyzer Tee network.
Tamb =25 C.
Fig.5
Isolation (
S
21
2) of the diode in off-state as a
function of frequency; typical values.
Diode zero biased and inserted in series with a 50
 stripline circuit.
Tamb =25 C.
handbook, halfpage
0.5
3
f (GHz)
|S21|
2
(dB)
0
−25
−20
MGS321
−15
−10
−5
1
1.5
2
2.5


Similar Part No. - BAP50-05_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BAP50-05 JMNIC-BAP50-05_15 Datasheet
63Kb / 8P
   General purpose PIN diode
More results

Similar Description - BAP50-05_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
   GENERAL PURPOSE PIN DIODE
2002 Feb 19
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
   General purpose PIN diode
2001 Jan 23
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
logo
Guangdong Kexin Industr...
KAP50-03 KEXIN-KAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP51-06W NXP-BAP51-06W Datasheet
57Kb / 8P
   General purpose PIN diode
Rev. 01-26 May 2008
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
   General purpose PIN diode
1999 Jun 28
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
   GENERAL PURPOSE PIN DIODE
logo
Quanzhou Jinmei Electro...
BAP51-04W_N_2015 JMNIC-BAP51-04W_N_2015 Datasheet
89Kb / 7P
   General purpose PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com