Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPTL Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

Part # CPTL
Description  CPTD type are bare disc type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPTL Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

Back Button CPTL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION CPTL Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Rev. 7a
Ceramic PTC Thermistor
Overload Protection
MERITEK
CPTL / CPTD Series
RoHS
63VAC / 130°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL04620
□A363
130±10
6.2
85
130
63
0.7
6.5
5.0
0.6
10.5
CPTL05200
□A363
20
150
240
63
1.0
7.0
5.0
0.6
10.5
CPTL088R0
□A363
8.0
250
380
63
3.0
10
5.0
0.6
13.5
CPTL104R9
□A363
4.9
320
500
63
4.3
12
5.0
0.6
15.5
CPTL123R3
□A363
3.3
450
690
63
5.5
14
5.0
0.6
17.5
CPTL162R2
□A363
2.2
700
1100
63
8.0
17.5
5.0
0.6
21.5
CPTL201R2
□A363
1.2
1000
1500
63
10.0
22
5.0
0.6
25.5
Note:
□=Tolerance of R25
110VAC / 120°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL126R8
□A2A1
120±10
6.8
290
660
110
1.0
14
4.5
0.6
17.5
CPTL12100
□A2A1
10
220
500
110
1.0
14
4.5
0.6
17.5
CPTL164R7
□A2A1
4.7
390
900
110
2.0
17.5
5.0
0.6
21.5
Note:
□=Tolerance of R25
110VAC / 140°C
Part Number
Curie
Temperature
Nominal
Zero-power
Resistance
Non-operating
Current at 25°C
Trip Current
at 25
Voltage
Maximum
Current
Dimensions
(Unit: mm)
Tc (℃ )
R25 (Ω)
IN (mA)
It (mA)
VR(VAC)
IMAX(A)
D
T
d±0.02
HMAX
CPTL05280
□A4A1
140±10
28
130
260
110
0.6
7.0
5.0
0.6
10.5
CPTL05400
□A4A1
40
110
220
110
0.5
7.0
5.0
0.6
10.5
CPTL05550
□A4A1
55
93
186
110
0.45
7.0
5.0
0.6
10.5
CPTL05121
□A4A1
120
65
130
110
0.3
7.0
5.0
0.6
10.5
CPTL05241
□A4A1
240
47
94
110
0.2
7.0
5.0
0.6
10.5
CPTL07120
□A4A1
12
210
420
110
1.4
9.0
5.0
0.6
12.5
CPTL07190
□A4A1
19
170
340
110
1.0
9.0
5.0
0.6
12.5
CPTL088R0
□A4A1
8.0
270
540
110
2.2
10
5.0
0.6
13.5
CPTL089R4
□A4A1
9.4
250
500
110
2.0
10
5.0
0.6
13.5
CPTL105R3
□A4A1
5.3
360
720
110
3.5
12
5.0
0.6
15.5
CPTL106R7
□A4A1
6.7
320
640
110
3.0
12
5.0
0.6
15.5
CPTL123R8
□A4A1
3.8
450
900
110
5.0
14
5.0
0.6
17.5
CPTL124R6
□A4A1
4.6
410
820
110
4.5
14
5.0
0.6
17.5
CPTL162R1
□A4A1
2.1
710
1420
110
8.5
17.5
5.0
0.6
21.5
CPTL123R8
□A4A1
2.9
600
1200
110
7.2
17.5
5.0
0.6
21.5
CPTL124R6
□A4A1
1.3
1000
2000
110
13
22
5.0
0.6
25.5
CPTL162R1
□A4A1
1.7
880
1760
110
11
22
5.0
0.6
25.5
Note:
□=Tolerance of R25


Similar Part No. - CPTL

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CPT CITIZEN-CPT Datasheet
420Kb / 1P
   Chip Photo-transistor
logo
Molex Electronics Ltd.
CPT-00053 MOLEX11-CPT-00053 Datasheet
195Kb / 1P
   PowerCat C6A Consolidation Point/ MUTO Enclosure
logo
CUI INC
CPT-1117-83-SMT-TR CUI-CPT-1117-83-SMT-TR Datasheet
431Kb / 5P
   PIEZO BUZZER TRANSDUCER
03/15/2021
logo
CUI Devices
CPT-1117-83-SMT-TR CUID-CPT-1117-83-SMT-TR Datasheet
403Kb / 5P
   PIEZO BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CPT-1203-78-SMT-TR CUI-CPT-1203-78-SMT-TR Datasheet
379Kb / 5P
   PIEZO BUZZER TRANSDUCER
More results

Similar Description - CPTL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERT-D2FFL400S PANASONIC-ERT-D2FFL400S Datasheet
695Kb / 5P
   NTC Thermistors (Disc Type)
ERTD PANASONIC-ERTD Datasheet
689Kb / 5P
   Disc Type NTC Thermistors
logo
Murata Manufacturing Co...
C85E MURATA-C85E Datasheet
2Mb / 101P
   Lead Type Disc Ceramic Capacitors
logo
KOA Speer Electronics, ...
NVD05U KOA-NVD05U Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
   metal oxide varistor disc type
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
   metal oxide varistor disc type
logo
Thinking Electronic Ind...
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
Panasonic Semiconductor
ECK-N3D102KBP PANASONIC-ECK-N3D102KBP Datasheet
619Kb / 9P
   High voltage ceramic disc capacitors (low loss type)
ECK-A3D222KBP PANASONIC-ECK-A3D222KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-D3A270JGE PANASONIC-ECC-D3A270JGE Datasheet
426Kb / 10P
   High Voltage Ceramic Disc Capacitors (Low loss type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com