Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CST Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # CST
Description  High power rating up to 3 Watts in 2512 size
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CST Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  CST Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
 
 
Rev. 7
 
Thin Film Current Sensing Chip
Resistor
MERITEK
CST Series
Construction
Unit: mm
Type
Size
(Inch)
L
W
T
D1
D2
Weight
(g)
(1000pcs)
CST0402
0402
1.00±0.05
0.50±0.05
0.32±0.10
0.25±0.10
0.20±0.10
0.56
CST0603
0603
1.60±0.10
0.80±0.10
0.45±0.10
0.30±0.20
0.30±0.20
3.1
CST0805
0805
2.00±0.15
1.25±0.15
0.55±0.10
0.30±0.20
0.40±0.25
5.6
CST1206
1206
3.05±0.15
1.55±0.15
0.55±0.10
0.50±0.30
0.40±0.25
12.3
CST2010
2010
5.00±0.20
2.45±0.15
0.60±0.15
0.60±0.30
0.50±0.25
26.7
CST2512
2512
6.35±0.20
3.15±0.15
0.60±0.10
0.60±0.30
0.55±0.25
49.6
 
Standard Electrical Specifications
     Item
 
Type
Power Rating
at 70
C
Operating
Temp. Range
Resistance Range
(mΩ)
TCR
(PPM/
C)
±0.5%
±1%
CST0402
1/16W
-55~+155
C
500 - 1000
±100
±50
CST0603
1/10W
-55~+155
C
200 - 300
301 - 1000
±100
±50
CST0805
1/8W
200 - 300
301 - 1000
±100
±50
CST1206
1/4W
-55~+155
C
50 - 100
±200
±100
±50
101 - 300
301 - 1000
CST2010
3/4W
-55~+155
C
50 - 100
101 - 300
301 - 1000
±200
±100
±50
CST2512
1W
-55~+155
C
50 - 100
101 - 300
301 - 1000
±200
±100
±50
High Power Rating Electrical Specifications 
     Item
Type
Power Rating
at 70
C
Operating
Temp. Range
Resistance Range
(mΩ)
TCR
(PPM/
C)
±1%
CST2512
3W
-55~+155
C
100 - 1000
±100
Operating Voltage=√(P*R)
Overload Voltage=2.5*√(P*R)
 
Alumina Substrate
Edge Electrode (NiCr)
Resistor Layer (NiCr)
Bottom Electrode (Ag) Barrier Layer (Ni)
Overcoat (Epoxy)
Top Electrode (Ag-Pd) External Electrode (Sn)
Marking
L
T
D
D2
W
 


Similar Part No. - CST

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
CST-10 ALPHAWIRE-CST-10 Datasheet
95Kb / 3P
   Customer Specification
9/8/2022
logo
List of Unclassifed Man...
CST-1005 ETC2-CST-1005 Datasheet
472Kb / 2P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST-1005 TRIAD-CST-1005 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
logo
List of Unclassifed Man...
CST-1010 ETC2-CST-1010 Datasheet
472Kb / 2P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST-1010 TRIAD-CST-1010 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
More results

Similar Description - CST

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
logo
Rohm
MCR_A ROHM-MCR_A Datasheet
143Kb / 7P
   Full line up from ultra small size (01005) to 2512 with jumper type.
logo
TT Electronics.
LRMA3920 TTELEC-LRMA3920 Datasheet
669Kb / 4P
   Standard power rating up to 5W
logo
WALSIN TECHNOLOGY CORPO...
WF25H WALSIN-WF25H Datasheet
186Kb / 7P
   High power rating and compact size
WK25S WALSIN-WK25S Datasheet
263Kb / 7P
   High power rating and compact size
MR18X WALSIN-MR18X Datasheet
418Kb / 7P
   High power rating and compact size
WK12L WALSIN-WK12L Datasheet
478Kb / 8P
   High power rating and compact size
WF25P WALSIN-WF25P Datasheet
620Kb / 9P
   High power rating and compact size
logo
TT Electronics.
SC3 TTELEC-SC3 Datasheet
986Kb / 3P
   3 watts in a 1 watt size package
logo
Wall Industries,Inc.
DCQEB50 WALL-DCQEB50 Datasheet
644Kb / 5P
   Up to 50 Watts Output Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com