Electronic Components Datasheet Search |
|
BAP64LX Datasheet(PDF) 3 Page - NXP Semiconductors |
|
BAP64LX Datasheet(HTML) 3 Page - NXP Semiconductors |
3 / 9 page BAP64LX All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 5 — 12 May 2015 3 of 9 NXP Semiconductors BAP64LX Silicon PIN diode 7. Characteristics Table 6. Characteristics Tamb = 25 C unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit VF forward voltage IF =100 mA - 0.95 1.1 V IR reverse current VR = 100 V - - 100 nA Cd diode capacitance see Figure 2; f = 1 MHz; VR = 0 V - 0.48 - pF VR = 1 V - 0.34 - pF VR =20V - 0.17 0.30 pF rD diode forward resistance see Figure 3; f = 100 MHz; IF =0.5 mA - 31 50 IF =1mA - 16 26 IF =10mA - 2.6 4.4 IF = 100 mA - 0.9 1.5 ISL isolation see Figure 4;VR =0 V; f = 900 MHz - 22 - dB f = 1800 MHz - 16 - dB f = 2450 MHz - 14 - dB Lins insertion loss see Figure 5;IF =0.5 mA; f = 900 MHz - 1.22 - dB f = 1800 MHz - 1.21 - dB f = 2450 MHz - 1.22 - dB Lins insertion loss see Figure 5;IF =1mA; f = 900 MHz - 0.22 - dB f = 1800 MHz - 0.23 - dB f = 2450 MHz - 0.24 - dB Lins insertion loss see Figure 5;IF =10mA; f = 900 MHz - 0.12 - dB f = 1800 MHz - 0.14 - dB f = 2450 MHz - 0.15 - dB Lins insertion loss see Figure 5;IF = 100 mA; f = 900 MHz - 0.09 - dB f = 1800 MHz - 0.10 - dB f = 2450 MHz - 0.11 - dB L charge carrier life time when switched from IF =10mA to IR =6mA; RL = 100 ; measured at IR =3mA -1.0 - s LS series inductance IF = 100 mA; f = 100 MHz - 0.4 - nH |
Similar Part No. - BAP64LX_15 |
|
Similar Description - BAP64LX_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |