Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1038 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1038
Description  2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1038 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1038 Datasheet HTML 1Page - Maxim Integrated Products MAX1038 Datasheet HTML 2Page - Maxim Integrated Products MAX1038 Datasheet HTML 3Page - Maxim Integrated Products MAX1038 Datasheet HTML 4Page - Maxim Integrated Products MAX1038 Datasheet HTML 5Page - Maxim Integrated Products MAX1038 Datasheet HTML 6Page - Maxim Integrated Products MAX1038 Datasheet HTML 7Page - Maxim Integrated Products MAX1038 Datasheet HTML 8Page - Maxim Integrated Products MAX1038 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX1036–MAX1039 low-power, 8-bit, multichannel,
analog-to-digital converters (ADCs) feature internal
track/hold (T/H), voltage reference, clock, and an
I2C-compatible 2-wire serial interface. These devices
operate from a single supply and require only 350µA at
the maximum sampling rate of 188ksps. Auto-
Shutdown™ powers down the devices between conver-
sions reducing supply current to less than 1µA at low
throughput rates. The MAX1036/MAX1037 have four ana-
log input channels each, while the MAX1038/MAX1039
have twelve analog input channels. The analog inputs are
software configurable for unipolar or bipolar and single-
ended or pseudo-differential operation.
The full-scale analog input range is determined by the
internal reference or by an externally applied reference
voltage ranging from 1V to VDD. The MAX1037/
MAX1039 feature a 2.048V internal reference and the
MAX1036/MAX1038 feature a 4.096V internal reference.
The MAX1036/MAX1037 are available in 8-pin SOT23
packages. The MAX1038/MAX1039 are available in 16-
pin QSOP packages. The MAX1036–MAX1039 are guar-
anteed over the extended industrial temperature range
(-40°C to +85°C). Refer to MAX1136–MAX1139 for 10-bit
devices and to the MAX1236–MAX1239 for 12-bit
devices.
Applications
Hand-Held Portable Applications
Medical Instruments
Battery-Powered Test Equipment
Solar-Powered Remote Systems
Received-Signal-Strength Indicators
System Supervision
Features
o High-Speed I2C-Compatible Serial Interface
400kHz Fast Mode
1.7MHz High-Speed Mode
o Single Supply
2.7V to 3.6V (MAX1037/MAX1039)
4.5V to 5.5V (MAX1036/MAX1038)
o Internal Reference
2.048V (MAX1037/MAX1039)
4.096V (MAX1036/MAX1038)
o External Reference: 1V to VDD
o Internal Clock
o 4-Channel Single-Ended or 2-Channel Pseudo-
Differential (MAX1036/MAX1037)
o 12-Channel Single-Ended or 6-Channel Pseudo-
Differential (MAX1038/MAX1039)
o Internal FIFO with Channel-Scan Mode
o Low Power
350µA at 188ksps
110µA at 75ksps
8µA at 10ksps
1µA in Power-Down Mode
o Software Configurable Unipolar/Bipolar
o Small Packages
8-Pin SOT23 (MAX1036/MAX1037)
16-Pin QSOP (MAX1038/MAX1039)
2.7V to 5.5V, Low-Power, 4-/12-Channel
2-Wire Serial 8-Bit ADCs
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2442; Rev 1; 10/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
TUE
(LSB)
INPUT
CHANNELS
INTERNAL
REFERENCE (V)
TOP
MARK
MAX1036EKA-T
-40
°C to +85°C
8 SOT23-8
±2
4
4.096
AAJE
MAX1037EKA-T
-40
°C to +85°C
8 SOT23-8
±2
4
2.048
AAJG
MAX1038AEEE
-40
°C to +85°C
16 QSOP
±1
12
4.096
MAX1039AEEE
-40
°C to +85°C
16 QSOP
±1
12
2.048
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
Pin Configurations and Typical Operating Circuit appear
at end of data sheet.


Similar Part No. - MAX1038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1038 MAXIM-MAX1038 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX1038AEEE++ MAXIM-MAX1038AEEE+ Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
More results

Similar Description - MAX1038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com