Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1062CCUB Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1062CCUB
Description  14-Bit, %V, 200ksps ADC with 10關A Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1062CCUB Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1062CCUB Datasheet HTML 4Page - Maxim Integrated Products MAX1062CCUB Datasheet HTML 5Page - Maxim Integrated Products MAX1062CCUB Datasheet HTML 6Page - Maxim Integrated Products MAX1062CCUB Datasheet HTML 7Page - Maxim Integrated Products MAX1062CCUB Datasheet HTML 8Page - Maxim Integrated Products MAX1062CCUB Datasheet HTML 9Page - Maxim Integrated Products MAX1062CCUB Datasheet HTML 10Page - Maxim Integrated Products MAX1062CCUB Datasheet HTML 11Page - Maxim Integrated Products MAX1062CCUB Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Input Bandwidth
The ADC’s input tracking circuitry has a 4MHz small-
signal bandwidth, so it is possible to digitize high-
speed transient events and measure periodic signals
with bandwidths exceeding the ADC’s sampling rate by
using undersampling techniques. To avoid aliasing of
unwanted high-frequency signals into the frequency
band of interest, use antialias filtering.
Analog Input Protection
Internal protection diodes, which clamp the analog
input to AVDD and/or AGND, allow the input to swing
from AGND - 0.3V to AVDD + 0.3V, without damaging
the device.
If the analog input exceeds 300mV beyond the sup-
plies, limit the input current to 10mA.
14-Bit, +5V, 200ksps ADC with 10µA Shutdown
8
_______________________________________________________________________________________
SCLK
DOUT
tCSS
tCH
tCL
tDV
tCSH
tCSW
tTR
tDO
tCP
CS
Figure 3. Detailed Serial Interface Timing
SCLK
DOUT
AGND
DGND
AIN
REF
AVDD
DVDD
DOUT
SCLK
CS
AIN
VREF
+5V
+5V
4.7
µF
0.1
µF
0.1
µF
GND
MAX1062
CS
Figure 4. Typical Operating Circuit
DOUT
a) VOL TO VOH
b) HIGH-Z TO VOL AND VOH TO VOL
DOUT
1mA
1mA
DGND
DGND
CLOAD = 50pF
CLOAD = 50pF
VDD
Figure 1. Load Circuits for DOUT Enable Time and SCLK to
DOUT Delay Time
DOUT
a) VOH TO HIGH-Z
b) VOL TO HIGH-Z
DOUT
1mA
1mA
DGND
DGND
CLOAD = 50pF
CLOAD = 50pF
VDD
Figure 2. Load Circuits for DOUT Disable Time


Similar Part No. - MAX1062CCUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1062CCUB MAXIM-MAX1062CCUB Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
More results

Similar Description - MAX1062CCUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX194 MAXIM-MAX194 Datasheet
223Kb / 24P
   14-Bit, 85ksps ADC with 10A Shutdown
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com