Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1080 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1080
Description  300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1080 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1080 Datasheet HTML 7Page - Maxim Integrated Products MAX1080 Datasheet HTML 8Page - Maxim Integrated Products MAX1080 Datasheet HTML 9Page - Maxim Integrated Products MAX1080 Datasheet HTML 10Page - Maxim Integrated Products MAX1080 Datasheet HTML 11Page - Maxim Integrated Products MAX1080 Datasheet HTML 12Page - Maxim Integrated Products MAX1080 Datasheet HTML 13Page - Maxim Integrated Products MAX1080 Datasheet HTML 14Page - Maxim Integrated Products MAX1080 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Detailed Description
The MAX1080/MAX1081 ADCs use a successive-
approximation conversion technique and input T/H cir-
cuitry to convert an analog signal to a 10-bit digital out-
put. A flexible serial interface provides easy interface to
microprocessors (µPs). Figure 3 shows a functional dia-
gram of the MAX1080/MAX1081.
Pseudo-Differential Input
The equivalent circuit of Figure 4 shows the MAX1080/
MAX1081s’ input architecture, which is composed of a
T/H, input multiplexer, input comparator, switched-
capacitor DAC, and reference.
In single-ended mode, the positive input (IN+) is con-
nected to the selected input channel and the negative
input (IN-) is set to COM. In differential mode, IN+ and
IN- are selected from the following pairs: CH0/CH1,
CH2/CH3, CH4/CH5, and CH6/CH7. Configure the
channels according to Tables 1 and 2.
The MAX1080/MAX1081 input configuration is pseudo-
differential because only the signal at IN+ is sampled.
The return side (IN-) is connected to the sampling
capacitor while converting and must remain stable
within ±0.5LSB (±0.1LSB for best results) with respect
to GND during a conversion.
If a varying signal is applied to the selected IN-, its
amplitude and frequency must be limited to maintain
accuracy. The following equations express the relation-
ship between the maximum signal amplitude and its
frequency to maintain ±0.5LSB accuracy. Assuming a
sinusoidal signal at IN-, the input voltage is determined
by:
The maximum voltage variation is determined by:
A 2.6Vp-p, 60Hz signal at IN- will generate a ±0.5LSB
error when using a +2.5V reference voltage and a
2.5µs conversion time (15 / fSCLK). When a DC refer-
ence voltage is used at IN-, connect a 0.1µF capacitor
to GND to minimize noise at the input.
During the acquisition interval, the channel selected as
the positive input (IN+) charges capacitor CHOLD. The
acquisition interval spans three SCLK cycles and ends
on the falling SCLK edge after the input control word’s
last bit has been entered. At the end of the acquisition
interval, the T/H switch opens, retaining charge on
CHOLD as a sample of the signal at IN+. The conver-
sion interval begins with the input multiplexer switching
CHOLD from IN+ to IN-. This unbalances node ZERO at
the comparator’s input. The capacitive DAC adjusts
during the remainder of the conversion cycle to restore
node ZERO to VDD1/2 within the limits of 10-bit resolu-
tion. This action is equivalent to transferring a
12pF [(VIN+ - VIN-)] charge from CHOLD to the binary-
weighted capacitive DAC, which in turn forms a digital
representation of the analog input signal.
max
d
dt
V2 f
1LSB
t
V
2t
IN
IN
CONV
REF
10
CONV
ν
π
=
() ≤=
300ksps/400ksps, Single-Supply, Low-Power,
8-Channel, Serial 10-Bit ADCs with Internal Reference
______________________________________________________________________________________
11
INPUT
SHIFT
REGISTER
CONTROL
LOGIC
INT
CLOCK
OUTPUT
SHIFT
REGISTER
+1.22V
REFERENCE
T/H
ANALOG
INPUT
MUX
10 + 2-BIT
SAR ADC
IN
DOUT
SSTRB
VDD1
VDD2
GND
SCLK
DIN
COM
REFADJ
REF
OUT
REF
CLOCK
+2.500V
17k
10
11
12
9
14
15
16
17
18
CH6
7
CH7
8
CH4
5
CH5
6
CH1
2
CH2
3
CH3
4
CH0
1
MAX1080
MAX1081
CS
SHDN
20
19
13
2.05
A
Figure 3. Functional Diagram
CHOLD
12pF
RIN
800
HOLD
INPUT
MUX
CSWITCH*
*INCLUDES ALL INPUT PARASITICS
SINGLE-ENDED MODE: IN+ = CH0–CH7, IN- = COM.
PSEUDO-DIFFERENTIAL MODE: IN+ AND IN- SELECTED FROM
PAIRS OF CH0/CH1, CH2/CH3, CH4/CH5, AND CH6/CH7.
AT THE SAMPLING INSTANT,
THE MUX INPUT SWITCHES FROM
THE SELECTED IN+ CHANNEL TO
THE SELECTED IN- CHANNEL.
CH0
REF
GND
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
ZERO
VDD1/2
COMPARATOR
CAPACITIVE
DAC
6pF
TRACK
Figure 4. Equivalent Input Circuit
νπ
IN
IN
V
sin(2 ft)
−−
=
()


Similar Part No. - MAX1080

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX108 MAXIM-MAX108 Datasheet
428Kb / 32P
   `짹5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
19-1492; Rev 0; 9/99
MAX108 MAXIM-MAX108 Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1082-MAX1083 MAXIM-MAX1082-MAX1083 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1082ACUE MAXIM-MAX1082ACUE Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
More results

Similar Description - MAX1080

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084 Datasheet
235Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
19-1686; Rev 0; 5/00
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com