Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4068DPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRGP4068DPBF
Description  Low Switching Losses
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4068DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRGP4068DPBF_15 Datasheet HTML 1Page - International Rectifier IRGP4068DPBF_15 Datasheet HTML 2Page - International Rectifier IRGP4068DPBF_15 Datasheet HTML 3Page - International Rectifier IRGP4068DPBF_15 Datasheet HTML 4Page - International Rectifier IRGP4068DPBF_15 Datasheet HTML 5Page - International Rectifier IRGP4068DPBF_15 Datasheet HTML 6Page - International Rectifier IRGP4068DPBF_15 Datasheet HTML 7Page - International Rectifier IRGP4068DPBF_15 Datasheet HTML 8Page - International Rectifier IRGP4068DPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRGP4068DPbF/IRGP4068D-EPbF
www.irf.com
5
Fig. 17 - Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
0
20
40
60
80
100
VCE (V)
10
100
1000
10000
Cies
Coes
Cres
Fig. 13 - Typ. Switching Time vs. IC
TJ = 175°C; L = 200μH; VCE= 400V, RG = 10Ω; VGE = 15V
0
20
40
60
80
100
IC (A)
10
100
1000
tdOFF
tF
Fig. 14 - Typ. Energy Loss vs. RG
TJ = 175°C; L = 200μH; VCE = 400V, ICE = 48A; VGE = 15V
0
25
50
75
100
125
Rg (
Ω)
1000
1500
2000
2500
3000
3500
4000
4500
5000
EOFF
Fig. 15 - Typ. Switching Time vs. RG
TJ = 175°C; L = 200μH; VCE = 400V, ICE = 48A; VGE = 15V
0
25
50
75
100
125
RG (Ω)
10
100
1000
tdOFF
tF
Fig. 18 - Typical Gate Charge vs. VGE
ICE = 48A; L = 600μH
0
255075
100
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
VCES= 300V
VCES= 400V
8
1012141618
VGE (V)
4
6
8
10
12
14
16
18
50
100
150
200
250
300
350
400
Isc
Tsc
Fig. 16 - VGE vs. Short Circuit
VCC = 400V; TC = 25°C


Similar Part No. - IRGP4068DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4068DPBF IRF-IRGP4068DPBF Datasheet
326Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
More results

Similar Description - IRGP4068DPBF_15

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
   Low switching losses
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
   Low Switching Losses
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
   Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
   low switching losses
HYG75P120D1S HY-HYG75P120D1S Datasheet
474Kb / 4P
   low switching losses
logo
STMicroelectronics
STTH8BC065 STMICROELECTRONICS-STTH8BC065 Datasheet
47Kb / 3P
   low switching losses
November 2010 Rev 1
logo
HY ELECTRONIC CORP.
HYG15P120A1K1 HY-HYG15P120A1K1 Datasheet
1Mb / 8P
   low switching losses
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
logo
International Rectifier
IRGB4064DPBF IRF-IRGB4064DPBF_15 Datasheet
379Kb / 11P
   Low Switching Losses
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF_15 Datasheet
295Kb / 9P
   Low Switching Losses
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF_15 Datasheet
320Kb / 10P
   Low Switching Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com