Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4068DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP4068DPBF
Description  Low Switching Losses
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4068DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGP4068DPBF Datasheet HTML 1Page - International Rectifier IRGP4068DPBF Datasheet HTML 2Page - International Rectifier IRGP4068DPBF Datasheet HTML 3Page - International Rectifier IRGP4068DPBF Datasheet HTML 4Page - International Rectifier IRGP4068DPBF Datasheet HTML 5Page - International Rectifier IRGP4068DPBF Datasheet HTML 6Page - International Rectifier IRGP4068DPBF Datasheet HTML 7Page - International Rectifier IRGP4068DPBF Datasheet HTML 8Page - International Rectifier IRGP4068DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRGP4068DPbF/IRGP4068D-EPbF
2
www.irf.com
Notes:
 VCC = 80% (VCES), VGE = 20V, L = 200μH, RG = 10Ω.
‚ Pulse width limited by max. junction temperature.
ƒ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
„ fsw = 20KHz, refer to figure 19.
… Sinusoidal half wave, t=10ms.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Conditions
Ref.Fig
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
V
VGE = 0V, IC = 100μA e
CT6
ΔV(BR)CES/ΔTJ
Temperature Coeff. of Breakdown Voltage
—0.30—
V/°C VGE = 0V, IC = 1mA (25°C-175°C)
CT6
—1.65
2.14
IC = 48A, VGE = 15V, TJ = 25°C
4,5,6
VCE(on)
Collector-to-Emitter Saturation Voltage
2.0
V
IC = 48A, VGE = 15V, TJ = 150°C
8,9,10
—2.05—
IC = 48A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
4.0
6.5
V
VCE = VGE, IC = 1.4mA
8,9,10,11,20
gfe
Forward Transconductance
32
S
VCE = 50V, IC = 48A, PW = 80μs
ICES
Collector-to-Emitter Leakage Current
1.0
150
μA
VGE = 0V, VCE = 600V
450
1000
VGE = 0V, VCE = 600V, TJ = 175°C
VFM
Diode Forward Voltage Drop
0.96
1.05
V
IF = 8.0A
7
—0.81
0.86
IF = 8.0A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Ref.Fig
Qg
Total Gate Charge (turn-on)
95
140
IC = 48A
18
Qge
Gate-to-Emitter Charge (turn-on)
28
42
nC VGE = 15V
CT1
Qgc
Gate-to-Collector Charge (turn-on)
35
53
VCC = 400V
IC = 48A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
1275
1481
μJ
RG = 10
Ω, L = 200μH,TJ = 25°C
CT4
Energy losses include tail
td(off)
Turn-Off delay time
145
176
ns
IC = 48A, VCC = 400V, VGE = 15V
tf
Fall time
35
46
RG = 10
Ω, L = 200μH,TJ = 25°C
IC = 48A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
1585
μJ
RG = 10
Ω, L = 200μH,TJ = 175°C
CT4
Energy losses include tail
td(off)
Turn-Off delay time
165
ns
IC = 48A, VCC = 400V, VGE = 15V
WF1
tf
Fall time
45
RG=10
Ω, L=200μH, TJ = 175°C
Cies
Input Capacitance
3025
VGE = 0V
17
Coes
Output Capacitance
245
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
90
f = 1.0Mhz
TJ = 175°C, IC = 192A
3
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp =600V
CT2
Rg = 10
Ω, VGE = +20V to 0V
SCSOA
Short Circuit Safe Operating Area
5
μs
VCC = 400V, Vp =600V
16, CT3
Rg = 10
Ω, VGE = +15V to 0V
WF2
Conditions


Similar Part No. - IRGP4068DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4068DPBF IRF-IRGP4068DPBF Datasheet
326Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
More results

Similar Description - IRGP4068DPBF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
   Low switching losses
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
   Low Switching Losses
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
   Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
   low switching losses
HYG75P120D1S HY-HYG75P120D1S Datasheet
474Kb / 4P
   low switching losses
logo
STMicroelectronics
STTH8BC065 STMICROELECTRONICS-STTH8BC065 Datasheet
47Kb / 3P
   low switching losses
November 2010 Rev 1
logo
HY ELECTRONIC CORP.
HYG15P120A1K1 HY-HYG15P120A1K1 Datasheet
1Mb / 8P
   low switching losses
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
logo
International Rectifier
IRGB4064DPBF IRF-IRGB4064DPBF_15 Datasheet
379Kb / 11P
   Low Switching Losses
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF_15 Datasheet
295Kb / 9P
   Low Switching Losses
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF_15 Datasheet
320Kb / 10P
   Low Switching Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com