Electronic Components Datasheet Search |
|
IRGP4078DPBF Datasheet(PDF) 1 Page - International Rectifier |
|
IRGP4078DPBF Datasheet(HTML) 1 Page - International Rectifier |
1 / 11 page IRGP4078DPbF IRGP4078D-EP 1 www.irf.com © 2014 International Rectifier Submit Datasheet Feedback July 17, 2014 IRGP4078DPbF TO-247AC G C E C G C E C IRGP4078D-EP TO-247AD G C E Gate Collector Emitter Base part number Package Type Standard Pack Orderable Part Number Form Quantity IRGP4078DPbF TO-247AC Tube 25 IRGP4078DPbF IRGP4078D-EPbF TO-247AD Tube 25 IRGP4078D-EPbF VCES = 600V IC = 50A, TC =100°C TJ(MAX) = 175°C VCE(ON) typ. = 1.9V E G n-channel C INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS Features • Low VCE (ON) Trench IGBT Technology • Low Switching Losses • Maximum Junction temperature 175°C • 5 µs short circuit SOA • Square RBSOA • 100% of the parts tested for ILM • Positive VCE (ON) Temperature co-efficient • Ultra-low VF Hyperfast Diode • Tight parameter distribution Benefits • Device optimized for induction heating and soft switching applications • High Efficiency due to Low VCE(ON), Low Switching Losses and Ultra-low VF • Rugged transient Performance for increased reliability • Excellent Current sharing in parallel operation • Low EMI Absolute Maximum Ratings Parameter Max. Units VCES Collector-to-Emitter Voltage 600 V IC @ TC = 25°C Continuous Collector Current 74 IC @ TC = 100°C Continuous Collector Current 50 ICM Pulse Collector Current, VGE = 15V 150 ILM Clamped Inductive Load Current, VGE = 20V 200 A IF @ TC = 25°C Diode Continuous Forward Current 44 IFSM @ TC = 25°C Diode Non Repetitive Peak Surge Current @ TJ = 25°C 120 IFRM @Tc = 100°C Diode Repetitive Peak Forward Current at tp=10µs 79 VGE Continuous Gate-to-Emitter Voltage ±20 V Transient Gate-to-Emitter Voltage ±30 PD @ TC = 25°C Maximum Power Dissipation 278 W PD @ TC = 100°C Maximum Power Dissipation 139 TJ Operating Junction and -55 to +175 TSTG Storage Temperature Range °C Soldering Temperature, for 10 sec. 300 (0.063 in.(1.6mm) from case) Mounting Torque, 6-32 or M3 Screw 10 lbf·in (1.1 N·m) IF @ TC = 100°C Diode Continuous Forward Current 25 |
Similar Part No. - IRGP4078DPBF |
|
Similar Description - IRGP4078DPBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |