Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4266DPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRGP4266DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4266DPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGP4266DPBF Datasheet HTML 2Page - International Rectifier IRGP4266DPBF Datasheet HTML 3Page - International Rectifier IRGP4266DPBF Datasheet HTML 4Page - International Rectifier IRGP4266DPBF Datasheet HTML 5Page - International Rectifier IRGP4266DPBF Datasheet HTML 6Page - International Rectifier IRGP4266DPBF Datasheet HTML 7Page - International Rectifier IRGP4266DPBF Datasheet HTML 8Page - International Rectifier IRGP4266DPBF Datasheet HTML 9Page - International Rectifier IRGP4266DPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
 
IRGP4266DPbF/IRGP4266D-EPbF
6
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
August 21, 2014
8
1012
1416
18
VGE (V)
4
8
12
16
20
24
50
120
190
260
330
400
Tsc
Isc
200
300
400
500
600
700
800
diF /dt (A/µs)
2.4
2.8
3.2
3.6
4.0
4.4
22
47
10
100
38A
75A
150A
Fig. 21 - Typ. Diode QRR vs. diF/dt
VCC = 400V; VGE = 15V; TJ = 175°C
20
40
60
80
100
120
140
160
IF (A)
400
450
500
550
600
650
700
RG = 22
RG = 47
RG = 100
RG = 10
Fig. 22 - Typ. Diode ERR vs. IF
TJ = 175°C
200 250 300 350 400 450 500 550 600
diF /dt (A/µs)
10
15
20
25
30
Fig. 20 - Typ. Diode IRR vs. diF/dt
VCC = 400V; VGE = 15V; IF = 75A; TJ = 175°C
Fig. 23 - VGE vs. Short Circuit Time
VCC = 400V; TC = 150°C
20
40
60
80
100
120
140
160
IF (A)
10
15
20
25
30
RG = 47
RG = 22
RG = 100
RG = 10
Fig. 18 - Typ. Diode IRR vs. IF
TJ = 175°C
0
20
40
60
80
100
RG (
5
10
15
20
25
30
Fig. 19 - Typ. Diode IRR vs. RG
TJ = 175°C


Similar Part No. - IRGP4266DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4266DPBF IRF-IRGP4266DPBF Datasheet
753Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
logo
Infineon Technologies A...
IRGP4266DPBF INFINEON-IRGP4266DPBF Datasheet
869Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
2017-12-18
More results

Similar Description - IRGP4266DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com