Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1084ACSA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1084ACSA
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1084ACSA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1084ACSA Datasheet HTML 1Page - Maxim Integrated Products MAX1084ACSA Datasheet HTML 2Page - Maxim Integrated Products MAX1084ACSA Datasheet HTML 3Page - Maxim Integrated Products MAX1084ACSA Datasheet HTML 4Page - Maxim Integrated Products MAX1084ACSA Datasheet HTML 5Page - Maxim Integrated Products MAX1084ACSA Datasheet HTML 6Page - Maxim Integrated Products MAX1084ACSA Datasheet HTML 7Page - Maxim Integrated Products MAX1084ACSA Datasheet HTML 8Page - Maxim Integrated Products MAX1084ACSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 10-Bit ADCs with Internal Reference
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS—MAX1084
(Figures 1, 2, 8, 9; VDD = +4.5V to +5.5V, TA = TMIN to TMAX, unless otherwise noted.)
TIMING CHARACTERISTICS—MAX1085
(Figures 1, 2, 8, 9; VDD = +2.7V to +3.6V, TA = TMIN to TMAX, unless otherwise noted.)
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CONDITIONS
ns
100
tCSW
CS Pulse Width High
ns
62
tCL
SCLK Pulse Width Low
ns
62
tCH
ns
156
tCP
SCLK Period
SCLK Pulse Width High
ns
65
tDOE
CS Fall to DOUT Enable
ns
10
65
tDOD
CS Rise to DOUT Disable
ns
80
tDOV
SCLK Rise to DOUT Valid
ns
10
tDOH
SCLK Rise to DOUT Hold
ns
35
tCSS
CS Fall to SCLK Rise Setup
ns
0
tCSH
SCLK Rise to CS Rise Hold
ns
35
tCSO
SCLK Rise to CS Fall Ignore
ns
35
tCS1
CS Rise to SCLK Rise Ignore
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CONDITIONS
ns
83
tCL
SCLK Pulse Width Low
ns
83
tCH
ns
208
tCP
SCLK Period
SCLK Pulse Width High
ns
13
85
tDOD
CS Rise to DOUT Disable
ns
100
tDOV
SCLK Rise to DOUT Valid
ns
13
tDOH
SCLK Rise to DOUT Hold
ns
45
tCSS
CS Fall to SCLK Rise Setup
ns
0
tCSH
SCLK Rise to CS Rise Hold
ns
45
tCSO
SCLK Rise to CS Fall Ignore
ns
45
tCS1
CS Rise to SCLK Rise Ignore
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1: Tested at VDD = VDD,MIN.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 3: Internal reference, offset, and reference errors nulled.
Note 4: Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 5: External load should not change during conversion for specified accuracy. Guaranteed specification limit of 2mV/mA due to
production test limitation.
Note 6: Electrical characteristics are guaranteed from VDD,MIN to VDD,MAX. For operations beyond this range, see Typical Operating
Characteristics.
Note 7: MAX1084 tested with 20pF on DOUT and fSCLK = 6.4MHz, 0 to 5V. MAX1085 tested with same loads, fSCLK = 4.8MHz, 0 to
3V. DOUT = full scale.
CLOAD = 20pF
ns
85
tDOE
CS Fall to DOUT Enable
CLOAD = 20pF
ns
100
tCSW
CS Pulse Width High


Similar Part No. - MAX1084ACSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1084ACSA++ MAXIM-MAX1084ACSA+ Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
More results

Similar Description - MAX1084ACSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com