Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVT-50663 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AVT-50663
Description  InGaP HBT Gain Block
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AVT-50663 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AVT-50663_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AVT-50663_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AVT-50663_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AVT-50663_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AVT-50663_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AVT-50663_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AVT-50663_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AVT-50663_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AVT-50663_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AVT-50663
DC – 6000 MHz
InGaP HBT Gain Block
Data Sheet
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model (120V)
ESD Human Body Model (1200V)
Refer to Avago Application Note A004R:
Electrostatic Discharge, Damage and Control.
Description
Avago Technologies’ AVT-50663 is an economical, easy-
to-use, general purpose InGaP HBT MMIC gain block
amplifier utilizing Darlington pair configuration housed in
a 6-lead (SOT-363) surface mount plastic package.
The Darlington feedback structure provides inherent
broad bandwidth performance, resulting in useful ope-
rating frequency up to 6 GHz. This is an ideal device for
small-signal gain cascades or IF amplification.
AVT-50663 is fabricated using advanced InGaP HBT
(Hetero-junction Bipolar Transistor) technology that
offers state-of-the-art reliability, temperature stability and
performance consistency.
Component Image
Notes:
Package marking provides orientation and identification
“50” = Device Code
“X” = Month of Manufacture
•” = Pin 1
Features
• Small signal gain amplifier
• Operating frequency DC to 6 GHz
• Unconditionally stable
• 50 Ohm input & output
• Flat, Broadband Frequency Response up to 2 GHz
• Industry standard SOT-363
• Lead-free, RoHS compliant, Green
Specifications
2 GHz, 5V Vcc, 36mA (typical)
• 15.3 dB Gain
• 12.5 dBm P1dB
• 25 dBm OIP3
• 4 dB NF
• 15 dB IRL and ORL
Applications
• Cellular / PCS / 3G base station
• Wireless Data / WLAN
• WiMAX / WiBRO
• CATV & Cable modem
• ISM
Typical Biasing Configuration
Pin 1, 2, 4, 5
(GND)
Pin 6
Pin 3
Cbyp
Rbias
Cblock
Cblock
Vd
RFin
RFout
VCC = 5V
Rbias = (VCC - Vd)/Id
Cbyp
Top View
GND
GND
Input
GND
GND
Output
& Vd


Similar Part No. - AVT-50663_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AVT-50663-BLKG AVAGO-AVT-50663-BLKG Datasheet
367Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
AVT-50663-TR1G AVAGO-AVT-50663-TR1G Datasheet
367Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
More results

Similar Description - AVT-50663_15

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com