Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1091 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1091
Description  250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1091 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1091 Datasheet HTML 5Page - Maxim Integrated Products MAX1091 Datasheet HTML 6Page - Maxim Integrated Products MAX1091 Datasheet HTML 7Page - Maxim Integrated Products MAX1091 Datasheet HTML 8Page - Maxim Integrated Products MAX1091 Datasheet HTML 9Page - Maxim Integrated Products MAX1091 Datasheet HTML 10Page - Maxim Integrated Products MAX1091 Datasheet HTML 11Page - Maxim Integrated Products MAX1091 Datasheet HTML 12Page - Maxim Integrated Products MAX1091 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Detailed Description
Converter Operation
The MAX1091/MAX1093 ADCs use a successive-
approximation (SAR) conversion technique and an
input track/hold (T/H) stage to convert an analog input
signal to a 10-bit digital output. Their parallel (8 + 2)
output format provides an easy interface to standard
microprocessors (µPs). Figure 2 shows the simplified
internal architecture of the MAX1091/MAX1093.
Single-Ended and
Pseudo-Differential Operation
The sampling architecture of the ADC’s analog com-
parator is illustrated in the equivalent input circuit in
Figure 3. In single-ended mode, IN+ is internally
switched to channels CH0–CH7 for the MAX1091
(Figure 3a) and to CH0–CH3 for the MAX1093 (Figure
3b), while IN- is switched to COM (Table 3).
In differential mode, IN+ and IN- are selected from ana-
log input pairs (Table 4) and are internally switched to
either of the analog inputs. This configuration is pseudo-
differential in that only the signal at IN+ is sampled. The
return side (IN-) must remain stable within ±0.5 LSB
(±0.1 LSB for best performance) with respect to GND
during a conversion. To accomplish this, connect a
0.1µF capacitor from IN- (the selected input) to GND.
During the acquisition interval, the channel selected as
the positive input (IN+) charges capacitor CHOLD. At
the end of the acquisition interval, the T/H switch
opens, retaining charge on CHOLD as a sample of the
signal at IN+.
The conversion interval begins with the input multiplexer
switching CHOLD from the positive input (IN+) to the
negative input (IN-). This unbalances node ZERO at the
comparator’s positive input. The capacitive digital-to-
analog converter (DAC) adjusts during the remainder of
the conversion cycle to restore node ZERO to 0V within
the limits of 10-bit resolution. This action is equivalent to
transferring a 12pF[(VIN+) - (VIN-)] charge from CHOLD
to the binary-weighted capacitive DAC, which in turn
forms a digital representation of the analog input signal.
250ksps, +3V, 8-/4-Channel, 10-Bit ADCs
with +2.5V Reference and Parallel Interface
_______________________________________________________________________________________
9
T/H
THREE-STATE, BIDIRECTIONAL
I/O INTERFACE
10
17k
8
8
2
8
2
8
SUCCESSIVE-
APPROXIMATION
REGISTER
MUX
CHARGE REDISTRIBUTION
10-BIT DAC
CLOCK
( ) ARE FOR MAX1091 ONLY.
ANALOG
INPUT
MULTIPLEXER
CONTROL LOGIC
&
LATCHES
REF
REFADJ
1.22V
REFERENCE
D0–D7
8-BIT DATA BUS
(CH5)
(CH4)
(CH7)
(CH6)
CH3
CH2
CH1
CH0
COM
CLK
CS
WR
RD
VDD
HBEN
GND
VLOGIC
MAX1091
MAX1093
AV =
2.05
COMP
INT
Figure 2. Simplified Internal Architecture for 8-/4-Channel MAX1091/MAX1093


Similar Part No. - MAX1091

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX109 MAXIM-MAX109 Datasheet
436Kb / 29P
   8-Bit, 2.2Gsps ADC with Track/Hold Amplifier and 1:4 Demultiplexed LVDS Outputs
Rev 0; 4/07
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090ACEI MAXIM-MAX1090ACEI Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090ACEI MAXIM-MAX1090ACEI Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1090AEEI MAXIM-MAX1090AEEI Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
More results

Similar Description - MAX1091

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com