Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-16316 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-16316
Description  Dual LNA for Balanced Application 1950 ??4000 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-16316 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-16316_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-16316_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-16316_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-16316_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-16316_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-16316_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-16316_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-16316_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-16316_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Table 9. Typical Scattering Parameters, Vdd = 4.8 V, Idd = 75 mA
LNA SPAR (100 MHz – 20 GHz) The S-parameter are for single amplifier.
Freq
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(dB)
(ang)
(dB)
(ang)
(dB)
(ang)
(dB)
(ang)
0.1
-0.566
-12.697
33.000
164.000
-54.687
69.699
-1.100
-6.283
0.5
-3.221
-49.810
29.300
115.951
-42.890
62.495
-2.050
-29.010
0.7
-4.672
-60.507
27.200
99.986
-40.700
58.714
-2.369
-38.307
0.9
-5.972
-69.209
26.000
87.582
-39.200
55.764
-2.591
-47.518
1.0
-6.464
-72.403
24.990
81.809
-38.610
54.249
-2.673
-52.272
1.5
-8.421
-85.015
22.400
57.855
-36.200
47.570
-2.930
-75.630
1.7
-8.932
-90.217
21.500
48.683
-35.500
44.549
-3.012
-86.051
1.9
-9.320
-94.919
20.700
40.181
-34.900
42.062
-3.032
-96.319
2.0
-9.460
-97.320
20.300
35.780
-34.620
40.580
-3.042
-102.000
2.5
-9.740
-108.000
18.300
14.975
-33.700
34.125
-2.968
-129.000
3.0
-9.560
-117.000
16.400
-4.591
-33.100
29.200
-2.743
-155.000
3.5
-9.003
-124.000
14.700
-23.470
-32.700
28.165
-2.447
-180.000
4.0
-8.340
-131.399
12.900
-41.740
-32.100
27.200
-2.090
157.000
4.5
-7.700
-138.000
11.200
-59.090
-31.200
27.810
-1.750
135.000
5.0
-7.195
-146.499
9.590
-75.900
-29.900
26.700
-1.455
115.002
5.5
-6.700
-156.000
7.935
-91.755
-28.445
24.600
-1.190
97.290
6.0
-6.398
-165.000
6.230
-107.599
-28.440
10.500
-1.174
78.540
7.0
-5.150
172.000
2.653
-134.699
-26.500
6.132
-0.714
52.630
8.0
-3.662
155.000
-0.109
-158.000
-24.200
-4.154
-0.508
33.700
9.0
-2.741
143.000
-2.518
176.000
-22.100
-20.300
-1.319
9.373
10.0
-2.340
126.000
-5.890
163.000
-21.700
-27.100
-3.540
4.150
11.0
-1.580
101.900
-7.131
134.000
-19.300
-47.810
-0.372
-17.010
12.0
-1.092
80.980
-10.700
109.000
-19.700
-64.820
-0.352
-29.900
13.0
-0.586
55.970
-12.400
87.340
-18.200
-76.300
-0.070
-27.230
14.0
-0.173
39.100
-13.800
56.960
-17.000
-95.100
-0.068
-45.640
15.0
-0.064
35.050
-14.400
32.650
-16.800
-102.000
-1.130
-72.350
16.0
-0.187
10.140
-14.700
-33.560
-9.962
-127.000
-0.571
-89.360
17.0
-2.433
-11.370
-13.700
-61.810
-10.630
-145.000
-0.369
-101.000
18.0
-2.310
-29.300
-17.700
-97.240
-10.580
170.000
-1.528
-111.000
19.0
-3.698
-53.710
-13.500
-155.000
-12.200
154.000
-3.353
-94.380
20.0
-7.630
-49.500
-16.400
161.000
-12.700
102.000
-5.380
-134.000
Table 10. Typical Noise Parameters, for single amplifier, Vdd = 4.8 V, Idd = 75 mA
Freq
Fmin
Γopt
Γopt
Rn/50
MHz
dB
Mag.
Ang.
1950
0.33
0.198
101.8
0.03
2350
0.40
0.200
131.2
0.03
2600
0.41
0.189
143.1
0.04
2700
0.44
0.196
155.6
0.04
Notes:
1. The Fmin values are based on noise figure measurements at multiple input impedances using Focus source pull test system. From these
measurements a true Fmin is calculated.
2. Scattering and noise parameters are measured on coplanar waveguide made on 0.010 inch thick ROGER 4350. The input reference plane is at the
end of the RFinput pin and the output reference plane is at the end of the RFoutput pin as shown in Figure 7.
3. Idd can be obtained by varying the Vg1/Vg2. Refer to figure 7.


Similar Part No. - MGA-16316_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16316-BLKG AVAGO-MGA-16316-BLKG Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
MGA-16316-TR1G AVAGO-MGA-16316-TR1G Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
More results

Similar Description - MGA-16316_15

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-16316 BOARDCOM-MGA-16316 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16316 AVAGO-MGA-16316 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
logo
Broadcom Corporation.
MGA-16216 BOARDCOM-MGA-16216 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16216 AVAGO-MGA-16216 Datasheet
744Kb / 17P
   Dual LNA for Balanced Application 1440 ??2350 MHz
MGA-16116 AVAGO-MGA-16116_15 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
Broadcom Corporation.
MGA-16116 BOARDCOM-MGA-16116 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16116 AVAGO-MGA-16116_15 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
Broadcom Corporation.
DEMO-MGA-16X16A BOARDCOM-DEMO-MGA-16X16A Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16116 AVAGO-MGA-16116 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
Broadcom Corporation.
DEMO-MGA-16X16B BOARDCOM-DEMO-MGA-16X16B Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com