Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-30316 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-30316
Description  0.5Watt High Linearity Amplifi er
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-30316 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-30316_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-30316_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-30316_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-30316_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-30316_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-30316_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-30316_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-30316_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-30316_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
PCB Layout and Stencil Design
Notes:
1. All dimensions are in milimeters.
Part Number Ordering Information
Part Number
No. of Devices
Container
MGA-30316-TR1G
1000
7” Reel
MGA-30316-TR2G
3000
13” Reel
MGA-30316-BLKG
100
antistatic bag
Product Family
Output
Power
Frequency Band
700MHz-1GHz
1.7- 2.7GHz
3.3-3.9GHz
0.5W
MGA-30116
MGA-30216
MGA-30316
1W
ALM-31122
ALM-31222
ALM-31322
2W
ALM-32120
ALM-32220
ALM-32320
PCB Land Pattern
(Top View)
Stencil Outline
Combined PCB & Stencil Layouts
Chamfer 0.24
0.325
1.550
0.560
Chamfer 0.06
0.500
0.230
0.500
0.500
1.550
0.210
0.350
1.240
1.240
0.490
0.500
0.230
0.210
0.360
1.550
1.240
1.550
1.240
0.260
Chamfer 0.192


Similar Part No. - MGA-30316_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30316 AVAGO-MGA-30316_12 Datasheet
218Kb / 12P
   3.3 -3.9GHz Watt High Linearity Amplifier
More results

Similar Description - MGA-30316_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30216 AVAGO-MGA-30216_15 Datasheet
217Kb / 14P
   0.5Watt High Linearity Amplifi er
MGA-30116 AVAGO-MGA-30116_15 Datasheet
311Kb / 17P
   Watt High Linearity Amplifi er
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-30X16 BOARDCOM-DEMO-MGA-30X16 Datasheet
311Kb / 17P
   쩍 Watt High Linearity Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-638P8 AVAGO-MGA-638P8_15 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-638P8 BOARDCOM-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-637P8 BOARDCOM-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8_15 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-31816 AVAGO-MGA-31816 Datasheet
236Kb / 19P
   0.1 W High Linearity Driver Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com