Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4650DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGP4650DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4650DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRGP4650DPBF_15 Datasheet HTML 1Page - International Rectifier IRGP4650DPBF_15 Datasheet HTML 2Page - International Rectifier IRGP4650DPBF_15 Datasheet HTML 3Page - International Rectifier IRGP4650DPBF_15 Datasheet HTML 4Page - International Rectifier IRGP4650DPBF_15 Datasheet HTML 5Page - International Rectifier IRGP4650DPBF_15 Datasheet HTML 6Page - International Rectifier IRGP4650DPBF_15 Datasheet HTML 7Page - International Rectifier IRGP4650DPBF_15 Datasheet HTML 8Page - International Rectifier IRGP4650DPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
IRGP4650DPbF
IRGP4650D-EPbF
TO-247AC
IRGP4650DPbF
TO-247AD
IRGP4650D-EP
E
G
n-channel
C
GC
E
Gate
Collector
Emitter
Applications
• Industrial Motor Drive
• Inverters
• UPS
• Welding
VCES = 600V
IC = 50A, TC = 100°C
tSC ≥ 5μs, TJ(max) = 175°C
VCE(on) typ. = 1.60V @ IC = 35A
Form
Quantity
IRGP4650DPbF
TO-247AC
Tube
25
IRGP4650DPbF
IRGP4650D-EPbF
TO-247AD
Tube
25
IRGP4650D-EPbF
Base part number
Package Type
Standard Pack
Orderable part number
Features
Benefits
Low VCE(ON) and Switching Losses
High efficiency in a wide range of applications and switching
frequencies
Square RBSOA and Maximum Junction Temperature 175°C
Improved reliability due to rugged hard switching performance
and higher power capability
Positive VCE (ON) Temperature Coefficient
Excellent current sharing in parallel operation
5μs short circuit SOA
Enables short circuit protection scheme
Lead-Free, RoHS compliant
Environmentally friendly
G
G
C E
C
C E
C
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
November 17, 2014
1
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
76
IC @ TC = 100°C
Continuous Collector Current
50
ICM
Pulse Collector Current, VGE = 15V
105
A
ILM
Clamped Inductive Load Current, VGE = 20V
c
140
IF @ TC = 25°C
Diode Continous Forward Current
76
IF @ TC = 100°C
Diode Continous Forward Current
50
IFM
Diode Maximum Forward Current
f
140
VGE
Continuous Gate-to-Emitter Voltage
±20
V
Transient Gate-to-Emitter Voltage
±30
PD @ TC = 25°C
Maximum Power Dissipation
268
PD @ TC = 100°C
Maximum Power Dissipation
134
TJ
Operating Junction and
-55 to +175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC (IGBT)
Junction-to-Case (IGBT)
d
–––
–––
0.56
RθJC (Diode)
Junction-to-Case (Diode)
d
–––
–––
1.0
RθCS
Case-to-Sink (flat, greased surface)
–––
0.24
–––
RθJA
Junction-to-Ambient (typical socket mount)
–––
–––
40
°C/W
W


Similar Part No. - IRGP4650DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4650DPBF IRF-IRGP4650DPBF Datasheet
338Kb / 12P
   INSULATED GATE BIPOLARTRANSIST WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGP4650DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4072DPBF IRF-IRGP4072DPBF_15 Datasheet
361Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP20B120UD-EPBF IRF-IRGP20B120UD-EPBF_15 Datasheet
931Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP4660DPBF IRF-IRGP4660DPBF_15 Datasheet
354Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP4690DPBF IRF-IRGP4690DPBF_15 Datasheet
351Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRG4IBC30KDPBF IRF-IRG4IBC30KDPBF_15 Datasheet
339Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com