Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4740DPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRGP4740DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4740DPBF Datasheet(HTML) 3 Page - International Rectifier

  IRGP4740DPBF Datasheet HTML 1Page - International Rectifier IRGP4740DPBF Datasheet HTML 2Page - International Rectifier IRGP4740DPBF Datasheet HTML 3Page - International Rectifier IRGP4740DPBF Datasheet HTML 4Page - International Rectifier IRGP4740DPBF Datasheet HTML 5Page - International Rectifier IRGP4740DPBF Datasheet HTML 6Page - International Rectifier IRGP4740DPBF Datasheet HTML 7Page - International Rectifier IRGP4740DPBF Datasheet HTML 8Page - International Rectifier IRGP4740DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRGP4740DPbF/IRGP4740D-EPbF
3
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 13, 2014
25
50
75
100
125
150
175
TC (°C)
0
10
20
30
40
50
60
25
50
75
100
125
150
175
TC (°C)
0
50
100
150
200
250
Fig. 5 - Reverse Bias SOA
T
J
= 175°C; VGE = 20V
Fig. 4 - Forward SOA
TC = 25°C; TJ ≤ 175°C; VGE = 15V
0.1
1
10
100
f , Frequency ( kHz )
10
20
30
40
50
60
For both:
Duty cycle : 50%
Tj = 175°C
Tcase = 100°C
Gate drive as specified
Power Dissipation = 108.7W
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
I
Square Wave:
V
CC
Diode as specified
10
100
1000
VCE (V)
1
10
100
1000
Fig. 3 - Power Dissipation vs.
Case Temperature
1
10
100
1000
10000
VCE (V)
0.1
1
10
100
1000
10µsec
100µsec
Tc = 25°C
Tj = 175°C
Single Pulse
DC
1msec
Fig. 2 - Maximum DC Collector Current vs.
Case Temperature


Similar Part No. - IRGP4740DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4750DPBF IRF-IRGP4750DPBF Datasheet
671Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGP4750DPBF IRF-IRGP4750DPBF_15 Datasheet
671Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGP4760DPBF IRF-IRGP4760DPBF Datasheet
923Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGP4760DPBF IRF-IRGP4760DPBF_15 Datasheet
923Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGP4760PBF IRF-IRGP4760PBF Datasheet
817Kb / 11P
   Insulated Gate Bipolar Transistor
More results

Similar Description - IRGP4740DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com