Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1080-MAX1081 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1080-MAX1081
Description  300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1080-MAX1081 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1080-MAX1081 Datasheet HTML 4Page - Maxim Integrated Products MAX1080-MAX1081 Datasheet HTML 5Page - Maxim Integrated Products MAX1080-MAX1081 Datasheet HTML 6Page - Maxim Integrated Products MAX1080-MAX1081 Datasheet HTML 7Page - Maxim Integrated Products MAX1080-MAX1081 Datasheet HTML 8Page - Maxim Integrated Products MAX1080-MAX1081 Datasheet HTML 9Page - Maxim Integrated Products MAX1080-MAX1081 Datasheet HTML 10Page - Maxim Integrated Products MAX1080-MAX1081 Datasheet HTML 11Page - Maxim Integrated Products MAX1080-MAX1081 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
300ksps/400ksps, Single-Supply, Low-Power,
8-Channel, Serial 10-Bit ADCs with Internal Reference
8
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX1080: VDD1 = VDD2 = 5.0V, fSCLK = 6.4MHz; MAX1081: VDD1 = VDD2 = 3.0V, fSCLK = 4.8MHz; CLOAD = 20pF, 4.7µF capacitor
at REF, 0.01µF capacitor at REFADJ, TA = +25°C, unless otherwise noted.)
-0.04
-0.08
0
0.08
0.12
0
400
200
600
800
1000
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
1200
0.04
-0.05
-0.10
0
0.05
0.10
0
400
200
600
800
1000
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
1200
-0.15
0.15
3.5
3.0
2.5
2.0
1.5
2.5
4.0
3.0
3.5
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY
VOLTAGE (CONVERTING)
SUPPLY VOLTAGE (V)
2.0
2.4
2.2
2.8
2.6
3.0
3.2
-40
20
40
-20
0
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
MAX1081
MAX1080
NORMAL OPERATION (PD1 = PD0 = 1)
REDP (PD1 = 1, PD0 = 0)
FASTPD (PD1 = 0, PD0 = 1)
0
0.5
1.5
1.0
2.0
2.5
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY
VOLTAGE (STATIC)
SUPPLY VOLTAGE (V)
0
0.5
1.5
1.0
2.0
2.5
-40
0
-20
20
40
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
(STATIC)
TEMPERATURE (
°C)
MAX1080 (PD1 = 1, PD0 = 1)
MAX1080 (PD1 = 1, PD0 = 0)
MAX1080 (PD1 = 0, PD0 = 1)
MAX1081 (PD1 = 1, PD0 = 1)
MAX1081 (PD1 = 1, PD0 = 0)
MAX1081 (PD1 = 0, PD0 = 1)
0
0.5
1.5
1.0
2.0
2.5
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
(PD1 = PD0 = 0)
0
0.5
1.5
1.0
2.0
2.5
-40
0
-20
20
40
60
80
100
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX1081
MAX1080
(PD1 = PD0 = 0)
2.4995
2.4997
2.5001
2.4999
2.5003
2.5005
2.5
3.5
3.0
4.0
4.5
5.0
5.5
REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)


Similar Part No. - MAX1080-MAX1081

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX108 MAXIM-MAX108 Datasheet
428Kb / 32P
   `짹5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
19-1492; Rev 0; 9/99
MAX108 MAXIM-MAX108 Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1082-MAX1083 MAXIM-MAX1082-MAX1083 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1082ACUE MAXIM-MAX1082ACUE Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
More results

Similar Description - MAX1080-MAX1081

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084 Datasheet
235Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
19-1686; Rev 0; 5/00
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com