Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1108 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1108
Description  Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1108 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1108 Datasheet HTML 1Page - Maxim Integrated Products MAX1108 Datasheet HTML 2Page - Maxim Integrated Products MAX1108 Datasheet HTML 3Page - Maxim Integrated Products MAX1108 Datasheet HTML 4Page - Maxim Integrated Products MAX1108 Datasheet HTML 5Page - Maxim Integrated Products MAX1108 Datasheet HTML 6Page - Maxim Integrated Products MAX1108 Datasheet HTML 7Page - Maxim Integrated Products MAX1108 Datasheet HTML 8Page - Maxim Integrated Products MAX1108 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Single-Supply, Low-Power,
2-Channel, Serial 8-Bit ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX1108
(VDD = +2.7V to +3.6V; unipolar input mode; COM = GND, fSCLK = 500kHz, external clock mode (50% duty cycle); 10 clocks/conver-
sion cycle (50ksps); 1µF capacitor at REF, external +2.048V reference at REF; TA = TMIN to TMAX; unless otherwise noted. Typical
values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
CH0, CH1, COM, REF, DOUT to GND .......-0.3V to (VDD + 0.3V)
DIN, SCLK, CS to GND ............................................-0.3V to +6V
Continuous Power Dissipation (TA = +70°C)
10-pin µMAX (derate 5.6mW/°C above +70°C) ............444mW
Operating Temperature Ranges
MAX110_CUB ......................................................0°C to +70°C
MAX110_EUB ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VDD = 2.7V to 3.6V
VDD = 5.5V (Note 2)
No missing codes over temperature
CONDITIONS
±0.15
±0.5
bits
8
Resolution
LSB
±0.2
INL
Relative Accuracy (Note 1)
LSB
±1
DNL
Differential Nonlinearity
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VDD = 5.5V (Note 2)
VDD = 2.7V to 3.6V
LSB
±0.5
Offset Error
±0.2
±1
LSB
±1
Gain Error (Note 3)
ppm/°C
±0.8
Gain Temperature Coefficient
TA = TMIN to TMAX
TA = +25°C
mV
50
VDD / 2 Sampling Accuracy
dB
49
SINAD
Signal-to-Noise Plus Distortion
dB
-70
THD
Total Harmonic Distortion
(up to the 5th harmonic)
LSB
±0.5
TUE
Total Unadjusted Error
±1
LSB
±0.1
Channel-to-Channel
Offset Matching
-3dB rolloff
Unipolar input, VCOM = 0
MHz
0.8
Full-Power Bandwidth
MHz
1.5
BW-3dB
Small-Signal Bandwidth
0
VREF
Input Voltage Range (Note 4)
dB
68
SFDR
Spurious-Free Dynamic Range
Bipolar input, VCOM or VCH1 = VREF / 2,
referenced to COM or CH1
V
±VREF / 2
VCH_
pF
18
CIN
Input Capacitance
On/off-leakage current,
VCOM or VCH = 0 or VDD
µA
±0.01
±1
Multiplexer Leakage Current
DC ACCURACY
DYNAMIC PERFORMANCE (10kHz sine-wave input, 2.048Vp-p, 50ksps, 500kHz external clock)
ANALOG INPUTS


Similar Part No. - MAX1108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX11080 MAXIM-MAX11080 Datasheet
254Kb / 27P
   12-Channel, High-Voltage Battery-Pack Fault Monitor
Rev 0; 5/09
MAX11080 MAXIM-MAX11080 Datasheet
423Kb / 29P
   12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
MAX11080GUU++ MAXIM-MAX11080GUU+ Datasheet
254Kb / 27P
   12-Channel, High-Voltage Battery-Pack Fault Monitor
Rev 0; 5/09
MAX11080GUU/V++ MAXIM-MAX11080GUU/V+ Datasheet
254Kb / 27P
   12-Channel, High-Voltage Battery-Pack Fault Monitor
Rev 0; 5/09
More results

Similar Description - MAX1108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX1115 MAXIM-MAX1115 Datasheet
379Kb / 12P
   Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1822; Rev 1; 2/02
MAX1106 MAXIM-MAX1106 Datasheet
205Kb / 16P
   Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1432; Rev 0; 3/99
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX110 MAXIM-MAX110 Datasheet
411Kb / 24P
   Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
19-0283; Rev 5; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com