Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-31716 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-31716
Description  0.1 W High Linearity Driver Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31716 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-31716_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-31716_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-31716_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-31716_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-31716_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31716_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31716_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31716_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31716_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
MGA-31716 Typical Performance Data for 450 MHz
TC = 25° C, Vd = 5.0 V, Id = 63 mA (Based on BOM for 450 MHz optimal linearity tuning in Table 3)
Figure 7. OIP3 vs Pin and Temperature
Figure 8. OIP3 vs Frequency and Temperature
Figure 9. Gain vs Frequency and Temperature
Figure 10. IRL vs Frequency and Temperature
Figure 11. ORL vs Frequency and Temperature
Figure 12. Isolation vs Frequency and Temperature
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
28
30
32
34
36
38
40
42
-20 -19 -18 -17 -16 -15 -14 -13 -12 -11 -10 -9 -8 -7
Pin (dBm)
24
26
28
30
32
34
36
38
40
42
44
150
250
350
450
550
650
750
Frequency (MHz)
15
16
17
18
19
20
21
22
150
250
350
450
550
650
750
Frequency (MHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
150
250
350
450
550
650
750
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
150
250
350
450
550
650
750
Frequency (MHz)
-31
-30
-29
-28
-27
-26
-25
-24
150
250
350
450
550
650
750
Frequency (MHz)
0
25° C
-40° C
85° C


Similar Part No. - MGA-31716_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31716 AVAGO-MGA-31716_16 Datasheet
1Mb / 19P
   0.1 W High Linearity Driver Amplifi er
More results

Similar Description - MGA-31716_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31816 AVAGO-MGA-31816_16 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
MGA-31816 AVAGO-MGA-31816_15 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
logo
Broadcom Corporation.
MGA-31816 BOARDCOM-MGA-31816 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
DEMO-MGA-31X16 BOARDCOM-DEMO-MGA-31X16 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31716 AVAGO-MGA-31716 Datasheet
392Kb / 19P
   0.1 W High Linearity Driver Amplifier
logo
Broadcom Corporation.
MGA-31716 BOARDCOM-MGA-31716 Datasheet
1Mb / 19P
   0.1 W High Linearity Driver Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31816 AVAGO-MGA-31816 Datasheet
236Kb / 19P
   0.1 W High Linearity Driver Amplifi er
MGA-31716 AVAGO-MGA-31716_16 Datasheet
1Mb / 19P
   0.1 W High Linearity Driver Amplifi er
logo
TriQuint Semiconductor
TQP7M9101 TRIQUINT-TQP7M9101_15 Datasheet
759Kb / 20P
   W High Linearity Amplifier
TQP7M9102 TRIQUINT-TQP7M9102_15 Datasheet
906Kb / 20P
   W High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com