Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-43628 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-43628
Description  High Linearity (2.0 ??2.2) GHz Power Amplifi er Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-43628 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-43628_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-43628_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-43628_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-43628_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-43628_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-43628_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-43628_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-43628_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-43628_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
0
2.5
5.0
7.5
10.0 12.5
-12.5 -10.0 -7.5 -5.0
-2.5
FrequencyOffset/MHz
25.0
15.0
5.0
-5.0
-15.0
-25.0
-35.0
-45.0
-55.0
25.0
15.0
5.0
-5.0
-15.0
-25.0
-35.0
-45.0
-55.0
0
2.5
5.0
7.5
10.0 12.5
-12.5 -10.0 -7.5 -5.0 -2.5
FrequencyOffset/MHz
0
2.5
5.0
7.5
10.0 12.5
-12.5 -10.0 -7.5 -5.0
-2.5
FrequencyOffset/MHz
25.0
15.0
5.0
-5.0
-15.0
-25.0
-35.0
-45.0
-55.0
MGA-43628 typical over-temperature performance at Vc1 = 2.4 V, Vc2 = 1.6 V, Vc3 = 2.2 V unless otherwise stated
Figure 22. Over-temperature Gain, Idd_total vs Pout @ 2.11 GHz
Vdd = VddBias = 5.0 V operating voltage
Figure 23. Over-temperature Gain, Idd_total vs Pout @ 2.17 GHz
Vdd = VddBias = 5.0 V operating voltage
MGA-43628 typical 3GPP W-CDMA Test model #1 Spectrum Emission Mask performance at Vdd = VddBias = 5.0 V,
Vc1 = 2.4 V, Vc2 = 1.6 V, Vc3 = 2.2 V unless otherwise stated
Figure 24. SEM at Pout = 28 dBm @ 2.11 GHz
Figure 25. SEM at Pout = 28 dBm @ 2.14 GHz
Figure 26. SEM at Pout = 28 dBm @ 2.17 GHz
200
600
1000
1400
1800
2200
2600
36.0
37.0
38.0
39.0
40.0
41.0
42.0
22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38
Pout/dBm
Gain_85° C
Idd_total_85° C
Gain_25° C
Idd_total_25° C
Gain_-40° C
Idd_total_-40° C
200
600
1000
1400
1800
2200
2600
36.0
37.0
38.0
39.0
40.0
41.0
42.0
22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38
Pout/dBm
Gain_85° C
Idd_total_85° C
Gain_25° C
Idd_total_25° C
Gain_-40° C
Idd_total_-40° C


Similar Part No. - MGA-43628_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43628-BLKG AVAGO-MGA-43628-BLKG Datasheet
379Kb / 18P
   High Linearity 2.0 ??2.2 GHz Power Amplifi er Module
MGA-43628-TR1G AVAGO-MGA-43628-TR1G Datasheet
379Kb / 18P
   High Linearity 2.0 ??2.2 GHz Power Amplifi er Module
More results

Similar Description - MGA-43628_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43628 AVAGO-MGA-43628 Datasheet
379Kb / 18P
   High Linearity 2.0 ??2.2 GHz Power Amplifi er Module
logo
Broadcom Corporation.
MGA-43628 BOARDCOM-MGA-43628 Datasheet
379Kb / 18P
   High Linearity (2.0 ??2.2) GHz Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43528 AVAGO-MGA-43528 Datasheet
420Kb / 19P
   High Linearity 1.93 ??1.995 GHz Power Amplifi er Module
logo
Broadcom Corporation.
MGA-43528 BOARDCOM-MGA-43528 Datasheet
420Kb / 19P
   High Linearity (1.93 ??1.995) GHz Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43003 AVAGO-MGA-43003_16 Datasheet
546Kb / 17P
   High Linearity (1.805 ??1.88) GHz Power Amplifi er Module
logo
Broadcom Corporation.
MGA-43003 BOARDCOM-MGA-43003 Datasheet
546Kb / 17P
   High Linearity (1.805 ??1.88) GHz Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43528 AVAGO-MGA-43528 Datasheet
420Kb / 19P
   High Linearity (1.93 ??1.995) GHz Power Amplifi er Module
MGA-30216 AVAGO-MGA-30216_15 Datasheet
217Kb / 14P
   0.5Watt High Linearity Amplifi er
MGA-30316 AVAGO-MGA-30316_15 Datasheet
218Kb / 12P
   0.5Watt High Linearity Amplifi er
MGA-30116 AVAGO-MGA-30116_15 Datasheet
311Kb / 17P
   Watt High Linearity Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com