Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1110CAP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1110CAP
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1110CAP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1110CAP Datasheet HTML 1Page - Maxim Integrated Products MAX1110CAP Datasheet HTML 2Page - Maxim Integrated Products MAX1110CAP Datasheet HTML 3Page - Maxim Integrated Products MAX1110CAP Datasheet HTML 4Page - Maxim Integrated Products MAX1110CAP Datasheet HTML 5Page - Maxim Integrated Products MAX1110CAP Datasheet HTML 6Page - Maxim Integrated Products MAX1110CAP Datasheet HTML 7Page - Maxim Integrated Products MAX1110CAP Datasheet HTML 8Page - Maxim Integrated Products MAX1110CAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
V
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.5V; unipolar input mode; COM = 0V; fSCLK = 500kHz, external clock (50% duty cycle); 10 clocks/conversion
cycle (50ksps); 1µF capacitor at REFOUT; TA = TMIN to TMAX; unless otherwise noted.)
On/off-leakage current, VCH_ = 0V or VDD
Used for data transfer only
(Note 6)
External clock, 2MHz
CONDITIONS
ppm/°C
±50
mA
3.5
REFOUT Short-Circuit Current
pF
18
Input Capacitance
µA
±0.01
±1
Multiplexer Leakage Current
1
2
50
500
kHz
400
Internal Clock Frequency
0mA to 0.5mA output load
mV
2.5
Load Regulation (Note 8)
ns
10
Aperture Delay
µs
1
tACQ
Track/Hold Acquisition Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ps
V
1
VDD +
50mV
Input Voltage Range
(Note 9)
µA
120
Input Current
<50
Aperture Jitter
External clock, 500kHz, 10 clocks/conversion
20
Internal clock
µs
25
55
tCONV
Conversion Time (Note 5)
Bipolar input, COM = VREFIN / 2
Unipolar input, COM = 0V
COM ±
VREFIN / 2
V
0VREFIN
Input Voltage Range, Single-
Ended and Differential (Note 7)
V
1.968
2.048
2.128
REFOUT Voltage
External Clock-Frequency Range
MHz
kHz
Capacitive Bypass at REFOUT
µF
REFOUT Temperature Coefficient
V
2.7
5.5
VDD
Supply Voltage
85
250
IDD
Supply Current (Note 2)
VDD = 2.7V to 3.6V
Full-scale input
CLOAD = 10pF
VDD = 2.7V to 3.6V; external reference,
2.048V; full-scale input
mV
±0.4
±4
PSR
Power-Supply Rejection
(Note 10)
Operating mode
2
µA
Power-down
3.2
10
Software
SHDN at DGND
Operating mode
120
250
VDD = 5.5V
Full-scale input
CLOAD = 10pF
Reference disabled
Reference disabled
45
80
CONVERSION RATE
ANALOG INPUT
INTERNAL REFERENCE
EXTERNAL REFERENCE AT REFIN
POWER REQUIREMENTS


Similar Part No. - MAX1110CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1110 MAXIM-MAX1110 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
127Kb / 8P
   Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11100EUB++ MAXIM-MAX11100EUB+ Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11100EWC++ MAXIM-MAX11100EWC+ Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
More results

Similar Description - MAX1110CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com