Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1106-MAX1107 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1106-MAX1107
Description  Single-Supply, Low-Power, Serial 8-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1106-MAX1107 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1106-MAX1107 Datasheet HTML 2Page - Maxim Integrated Products MAX1106-MAX1107 Datasheet HTML 3Page - Maxim Integrated Products MAX1106-MAX1107 Datasheet HTML 4Page - Maxim Integrated Products MAX1106-MAX1107 Datasheet HTML 5Page - Maxim Integrated Products MAX1106-MAX1107 Datasheet HTML 6Page - Maxim Integrated Products MAX1106-MAX1107 Datasheet HTML 7Page - Maxim Integrated Products MAX1106-MAX1107 Datasheet HTML 8Page - Maxim Integrated Products MAX1106-MAX1107 Datasheet HTML 9Page - Maxim Integrated Products MAX1106-MAX1107 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Single-Supply, Low-Power,
Serial 8-Bit ADCs
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX1107 (continued)
(VDD = +4.5V to +5.5V; IN- = GND; fSCLK = 2MHz; 25ksps conversion rate; 1µF capacitor at REFOUT; external +4.096V reference at
REFIN; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
Figure 6, DOUT High-Z
Figure 6, DOUT High-Z
pF
15
COUT
Three-State Output Capacitance
µA
±0.01
±10
IL
Three-State Leakage Current
Figure 1, CLOAD = 100pF
Figure 1, CLOAD = 100pF
ns
20
200
tDO
SCLK Fall to Output Data Valid
ns
CONDITIONS
240
tDV
CONVST Rise to Output Enable
ns
200
tCH
SCLK Pulse Width High
µs
1
tCSPW
CONVST Pulse Width High
µs
1
tACQ
Acquisition Time
µs
35
tCONV
CONVST Fall to Output Data
Valid
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ISINK = 5mA
ISINK = 16mA
0.4
V
4.5
5
5.5
VDD
Supply Voltage
V
0.8
VOL
Output Low Voltage
VDD = 5.5V, CL = 10pF,
full-scale input
115
250
Power down, VDD = 4.5V to 5.5V
0.5
2.5
External reference = 4.096V,
full-scale input, VDD = 4.5V to 5.5V
mV
±0.4
±4
PSR
Power-Supply Rejection (Note 8)
V
0.2
VHYST
Input Hysteresis
V
0.8
VIL
Threshold Voltage Low
V
3
VIH
Threshold Voltage High
µA
±1
IIH
Input Current High
pF
15
CIN
Input Capacitance
ISOURCE = 0.5mA
V
VDD - 0.5
VOH
Output High Voltage
µA
±1
IIL
Input Current Low
µA
IDD
Supply Current (Notes 2, 7)
4.096V at REFIN, full scale
µA
120
Input Current
V
1.0
VDD + 0.05
VREFIN
Input Voltage Range
EXTERNAL REFERENCE
DIGITAL INPUTS (SHDN, SCLK, and CONVST)
DIGITAL OUTPUT (DOUT)
TIMING CHARACTERISTICS (Figures 6 and 7)
POWER REQUIREMENTS


Similar Part No. - MAX1106-MAX1107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11060GUU MAXIM-MAX11060GUU Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
MAX11060GUU++ MAXIM-MAX11060GUU+ Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11068 MAXIM-MAX11068 Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX11068GUU++ MAXIM-MAX11068GUU+ Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX11068GUU/V++ MAXIM-MAX11068GUU/V+ Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
More results

Similar Description - MAX1106-MAX1107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1115 MAXIM-MAX1115 Datasheet
379Kb / 12P
   Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1822; Rev 1; 2/02
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com