Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A5006 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A5006
Description  50 Ohm Input and Output Matched
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5006 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A5006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A5006 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Absolute Maximum Rating
Parameter
Rating
Units
Drain Source Voltage
+13
Volts
Gate Source Voltage
-5
Volts
Drain Source Current
0.4
A
Gate Source Current
1.6
A
Continuous Dissipation at 25°C
25
W
Channel Temperature
175
°C
Operating Temperature (base-plate)
-40 to +85
°C
Storage Temperature
-55° to +135
°C
.
ESD Sensitive Material,
Transport material in
Approved ESD bags.
Handle only in approved
ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Heat Sink Required for Proper Operation, Unit is cooled by conduction to heat sink. The amplifier module has 4 screw
slots for mounting to a heat sink.
DO NOT apply Vds without proper negative voltage on Vgs pins.
PE15A5006
PE15A5006 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7 Watt Psat, 2.5 GHz to 4 GHz, High Power Amplifier, 19 dB Gain, 45 dBm IP3, 8 dB NF, SMA
PE15A5006
7 Watt Psat, 2.5 GHz to 4 GHz, High Power Amplifier,
19 dB Gain, 45 dBm IP3, 8 dB NF, SMA


Similar Part No. - PE15A5006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5001 PASTERNACK-PE15A5001 Datasheet
476Kb / 6P
   High Power High Gain Amplifier, SMA
PE15A5002 PASTERNACK-PE15A5002 Datasheet
483Kb / 6P
   Power High Gain Amplifier, 4 dB NF, SMA
PE15A5003 PASTERNACK-PE15A5003 Datasheet
478Kb / 6P
   Power High Gain Amplifier, 3.5 dB NF, SMA
PE15A5004 PASTERNACK-PE15A5004 Datasheet
492Kb / 6P
   7 Watt Psat, 700 MHz to 2.2 GHz, High Power Amplifier, 30 dB Gain, 38.5 dBm IP3, 10 dB NF, SMA
PE15A5005 PASTERNACK-PE15A5005 Datasheet
515Kb / 6P
   50 Ohm Input and Output Matched
More results

Similar Description - PE15A5006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3008 PASTERNACK-PE15A3008 Datasheet
596Kb / 5P
   50 Ohm Input and Output Matched
PE15A5008 PASTERNACK-PE15A5008 Datasheet
487Kb / 6P
   50 Ohm Input and Output Matched
PE15A3258 PASTERNACK-PE15A3258 Datasheet
590Kb / 5P
   50 Ohm Input and Output Matched
PE15A3901 PASTERNACK-PE15A3901 Datasheet
428Kb / 6P
   50 Ohm Input and Output Matched
PE15A3021 PASTERNACK-PE15A3021 Datasheet
499Kb / 4P
   50 Ohm Input and Output Matched
PE15A4012 PASTERNACK-PE15A4012 Datasheet
468Kb / 6P
   50 Ohm Input and Output Matched
PE15A4011 PASTERNACK-PE15A4011 Datasheet
502Kb / 5P
   50 Ohm Input and Output Matched
PE15A5005 PASTERNACK-PE15A5005 Datasheet
515Kb / 6P
   50 Ohm Input and Output Matched
PE15A5009 PASTERNACK-PE15A5009 Datasheet
512Kb / 5P
   50 Ohm Input and Output Matched
logo
Marki Microwave
EQ3-26 MARKIMICROWAVE-EQ3-26 Datasheet
869Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com