Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE70A5001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE70A5001
Description  Insertion Loss 5 dB Typ
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A5001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE70A5001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A5001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A5001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A5001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A5001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE70A5001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE70A5001 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Size
Length
2 in [50.8 mm]
Width
1.8 in [45.72 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.2 lbs [90.72 g]
Connector 1
2.92mm Female
Connector 2
2.92mm Female
Environmental Specifications
Temperature
Operating Range
-50 to +85 deg C
Storage Range
-65 to +125 deg C
Humidity
MIL-STD-202F, METHOD 103B COND. B
Shock
MIL-STD-202F, METHOD 213B COND. B
Vibration
MIL-STD-202F, METHOD 204D COND. B
Altitude
MIL-STD-202F, METHOD 105C COND. B
Temperature Cycle
MIL-STD-202F, METHOD 107
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
PE70A5001
PE70A5001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 30 dB With 5 Bit Programmable TTL Controlled Attenuator, 2.92mm Female To 2.92mm Fe-
male, 1 dB Steps From 100 MHz To 18 GHz PE70A5001
30 dB With 5 Bit Programmable TTL Controlled
Attenuator, 2.92mm Female To 2.92mm Female,
1 dB Steps From 100 MHz To 18 GHz


Similar Part No. - PE70A5001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A5000 PASTERNACK-PE70A5000 Datasheet
562Kb / 8P
   Step Resolution of 0.25 dB
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
   Step Resolution of 1 dB
PE70A5003 PASTERNACK-PE70A5003 Datasheet
752Kb / 10P
   TECHNICAL DATA SHEET
PE70A5004 PASTERNACK-PE70A5004 Datasheet
570Kb / 6P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
More results

Similar Description - PE70A5001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A6001 PASTERNACK-PE70A6001 Datasheet
470Kb / 8P
   Insertion Loss 6 dB typ
logo
Mini-Circuits
ADE-12H MINI-ADE-12H Datasheet
299Kb / 2P
   low conversion loss, 6.7 dB typ
logo
WALSIN TECHNOLOGY CORPO...
AMTIP2109ATM0T63 WALSIN-AMTIP2109ATM0T63 Datasheet
835Kb / 7P
   Loss Insertion Loss
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
   Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
   Low Insertion Loss
logo
Pasternack Enterprises,...
PE91169 PASTERNACK-PE91169 Datasheet
372Kb / 3P
   Maximum Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
   Low Insertion Loss
logo
RF Micro Devices
PS-2-1000F RFMD-PS-2-1000F Datasheet
453Kb / 3P
   Low Insertion Loss
PS-2-4000F RFMD-PS-2-4000F Datasheet
149Kb / 2P
   Low Insertion Loss
logo
Murata Manufacturing Co...
SF2094B MURATA-SF2094B Datasheet
583Kb / 12P
   Low Insertion Loss
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com