Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE332-200CM Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE332-200CM
Description  ROHS and REACH Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE332-200CM Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE332-200CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE332-200CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE332-200CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE332-200CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE332-200CM Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Frequency 3
Frequency, GHz
2
Insertion Loss
0.07 dB/ft [0.23 dB/m ]
Power Handling, KWatts
1.2
Frequency 4
Frequency, GHz
3
Insertion Loss
0.08 dB/ft [0.26 dB/m ]
Power Handling, KWatts
1.05
Frequency 5
Frequency, GHz
5
Insertion Loss
0.11 dB/ft [0.36 dB/m ]
Power Handling, Watts
850
Frequency 6
Frequency, GHz
10
Insertion Loss
0.16 dB/ft [0.52 dB/m ]
Power Handling, Watts
600
Frequency 7
Frequency, GHz
18
Insertion Loss
0.22 dB/ft [0.72 dB/m ]
Power Handling, Watts
400
Electrical Specification Notes:
Power handling values are calculated based on Cable
properties. Power handling will vary based on the actual
VSWR of the cable assembly.
Mechanical Specifications
Cable Assembly
Cable Type
PE-P300LL
Temperature
Temperature Operating Range, deg C
-55 to +125
Size
Length, in [cm]
78.74 [200]
Diameter, in [mm]
0.75 [19.05]
.
Weight, lbs [g]
0.1 [45.36]
Cable Color
Green
Repeated Minimum Bend Radius, in [mm]
1.5 [38.1]
PE332-200CM REV 1.0
PE332-200CM
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to SMA Male Low Loss Test Cable 200 CM Length Using PE-P300LL Coax, RoHS
PE332-200CM
N Male to SMA Male Low Loss Test Cable 200 CM
Length Using PE-P300LL Coax, RoHS


Similar Part No. - PE332-200CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE332-24 PASTERNACK-PE332-24 Datasheet
357Kb / 5P
   ROHS and REACH Compliant
More results

Similar Description - PE332-200CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE330-36 PASTERNACK-PE330-36 Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE332-100CM PASTERNACK-PE332-100CM Datasheet
357Kb / 5P
   ROHS and REACH Compliant
PE330-24 PASTERNACK-PE330-24 Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE330-200CM PASTERNACK-PE330-200CM Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE331-50CM PASTERNACK-PE331-50CM Datasheet
358Kb / 5P
   ROHS and REACH Compliant
PE331-200CM PASTERNACK-PE331-200CM Datasheet
358Kb / 5P
   ROHS and REACH Compliant
PE332-12 PASTERNACK-PE332-12 Datasheet
357Kb / 5P
   ROHS and REACH Compliant
PE333-24 PASTERNACK-PE333-24 Datasheet
478Kb / 5P
   ROHS and REACH Compliant
PE333-48 PASTERNACK-PE333-48 Datasheet
479Kb / 5P
   ROHS and REACH Compliant
PE333-150CM PASTERNACK-PE333-150CM Datasheet
479Kb / 5P
   ROHS and REACH Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com