Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE333-200CM Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE333-200CM
Description  ROHS and REACH Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE333-200CM Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE333-200CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE333-200CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE333-200CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE333-200CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE333-200CM Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
The PE330 high performance test cable’s 0.3 inch diameter and 83% phase velocity offer very low loss performance up to 18
GHz. The durable stainless steel connectors and FEP jacket provide a cost effective design ideal for test environments where
a rugged cable assembly is required. The series is offered with Type N, TNC, and SMA connectors all rated to 18 GHz. A
heavy Duty boot provides improved strain relief and adds to the durability of the cable assemblies. These cable assemblies
are built using a double shielded flexible cable, providing excellent shielding effectiveness of greater than 95 dB. All PE330
cable assemblies are 100% Continuity, Hi-POT, and RF tested to published specifications. Custom lengths are built to order
and shipped same day.
• 83% Velocity of Propagation
Shielding effectiveness > 95 dB
Maximum VSWR is < 1.35:1 to 18 GHz
Minimum Bend Radius of 1.5 inches
Operating Temperature range of -55 to +125 °C
• ROHS and REACH Compliant
• Same day shipment of custom lengths
• 100% Continuity, Hi-Pot, and RF tested
Configuration
Connector 1
SMA Male
Connector 2
SMA Male
Cable Type
PE-P300LL
Electrical Specifications
Frequency Range
DC to 18 GHz
Impedance
50 Ohms
Maximum VSWR
1.35:1
Velocity of Propagation
83 %
RF Shielding
95 dB
Typical Performance by Frequency
Frequency 1
Frequency
400 MHz
Insertion Loss
0 dB
Power Handling, KWatts
2.9
Frequency 2
Frequency
1000 MHz
Insertion Loss
0.05 dB
Power Handling
1.8 KWatts
Frequency 3
Frequency
2 GHz
Insertion Loss
0.07 dB
Power Handling
1.2 KWatts
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Low Loss Test Cable 200 CM Length Using PE-P300LL Coax, RoHS
PE333-200CM
PE333-200CM REV 1.0
PE333-200CM
SMA Male to SMA Male Low Loss Test Cable
200 CM Length Using PE-P300LL Coax, RoHS


Similar Part No. - PE333-200CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE333-24 PASTERNACK-PE333-24 Datasheet
478Kb / 5P
   ROHS and REACH Compliant
More results

Similar Description - PE333-200CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE330-36 PASTERNACK-PE330-36 Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE332-100CM PASTERNACK-PE332-100CM Datasheet
357Kb / 5P
   ROHS and REACH Compliant
PE332-200CM PASTERNACK-PE332-200CM Datasheet
357Kb / 5P
   ROHS and REACH Compliant
PE330-24 PASTERNACK-PE330-24 Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE330-200CM PASTERNACK-PE330-200CM Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE331-50CM PASTERNACK-PE331-50CM Datasheet
358Kb / 5P
   ROHS and REACH Compliant
PE331-200CM PASTERNACK-PE331-200CM Datasheet
358Kb / 5P
   ROHS and REACH Compliant
PE332-12 PASTERNACK-PE332-12 Datasheet
357Kb / 5P
   ROHS and REACH Compliant
PE333-24 PASTERNACK-PE333-24 Datasheet
478Kb / 5P
   ROHS and REACH Compliant
PE333-48 PASTERNACK-PE333-48 Datasheet
479Kb / 5P
   ROHS and REACH Compliant
PE333-150CM PASTERNACK-PE333-150CM Datasheet
479Kb / 5P
   ROHS and REACH Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com