Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1111EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1111EEE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1111EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1111EEE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
______________________________________________________________________________________
11
in control bytes of $FF (hex), which trigger single-
ended, unipolar conversions on CH7 (MAX1110) or
CH3 (MAX1111) in external clock mode without power-
ing down between conversions. In external clock mode,
the SSTRB output pulses high for two clock periods
before the most significant bit of the 8-bit conversion
result is shifted out of DOUT. Varying the analog input
alters the output code. A total of 10 clock cycles is
required per conversion. All transitions of the SSTRB
and DOUT outputs occur on SCLK’s falling edge.
How to Start a Conversion
A conversion is started by clocking a control byte into
DIN. With CS low, each rising edge on SCLK clocks a bit
from DIN into the MAX1110/MAX1111’s internal shift reg-
ister. After CS falls, the first arriving logic “1” bit at DIN
defines the MSB of the control byte. Until this first start bit
arrives, any number of logic “0” bits can be clocked into
DIN with no effect. Table 3 shows the control-byte format.
The MAX1110/MAX1111 are compatible with MICROWIRE,
SPI, and QSPI devices. For SPI, select the correct clock
polarity and sampling edge in the SPI control registers:
set CPOL = 0 and CPHA = 0. MICROWIRE, SPI, and
QSPI all transmit a byte and receive a byte at the same
time. Using the Typical Operating Circuit (Figure 3), the
simplest software interface requires three 8-bit transfers
to perform a conversion (one 8-bit transfer to configure
the ADC, and two more 8-bit transfers to clock out the
8-bit conversion result). Figure 6 shows the MAX1110/
MAX1111 common serial-interface connections.
1µF
0.1µF
VDD
DGND
AGND
CS
SCLK
DIN
DOUT
SSTRB
SHDN
+3V
N.C.
0.01µF
CH7 (CH3)
COM
REFOUT
REFIN
C1
1µF
0V TO
+2.048V
ANALOG
INPUT
OSCILLOSCOPE
CH1
CH2
CH3
CH4
*FULL-SCALE ANALOG INPUT, CONVERSION RESULT = $FF (HEX)
( ) ARE FOR THE MAX1111.
MAX1110
MAX1111
+3V
500kHz
OSCILLATOR
SCLK
SSTRB
DOUT*
Figure 5. Quick-Look Circuit
Table 4. Full-Scale and Zero-Scale Voltages
UNIPOLAR MODE
VREFIN + COM
+VREFIN / 2
+ COM
Full Scale
COM
COM
-VREFIN / 2
+ COM
Positive
Full Scale
Zero Scale
Zero
Scale
BIPOLAR MODE
Negative
Full Scale


Similar Part No. - MAX1111EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1111 MAXIM-MAX1111 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX11110 MAXIM-MAX11110 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11110 MAXIM-MAX11110 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Rev 4; 2/11
MAX11110AUT++ MAXIM-MAX11110AUT+ Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11110AUT++ MAXIM-MAX11110AUT+ Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results

Similar Description - MAX1111EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com