Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT1D Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # OPT1D
Description  4-port RS-232 Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

OPT1D Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  OPT1D Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Programmable Automation Controllers
Features
Specifications
General
ƒ
Certification
CE, FCC Class A (ADAM-5091 only), FM
ƒ
Connectors
4 x RJ-45
ƒ
Enclosure
ABS+PC
ƒ
LED Indicators
TX, RX (each port)
ƒ
Power Consumption
0.6 W (max.)
Communications
ƒ
Data Bits
5, 6, 7, 8
ƒ
Data Signals
TxD, RxD, RTS, TS, DTR, DSR, DCD, RI, GND
ƒ
Parity
none, even, old
ƒ
Ports
4
ƒ
UARTs
1 x 16C954 (128-byte FIFO)
ƒ
Speed
50 ~ 115.2 kbps
ƒ
Stop Bits
1, 1.5, 2
ƒ
Support standard Com Port with Share interrupt (ADAM-5091)
Note:
For ADAM-5510 Series, ADAM-5510KW Series, and ADAM-5511 only (ADAM-5090)
For ADAM-5550 Series (ADAM-5091)
Ordering Information
ƒ
ADAM-5090
4-port RS-232 Module
ƒ
ADAM-5091
4-port RS-232 Module with Share Interrupt
ƒ
OPT1A
1 m RJ-48 to Male DB9 Cable
ƒ
OPT1D
30 cm RJ-48 to Male DB9 Cable
ADAM-5090/5091
ADAM-5095
4-port RS-232 Module
2-port CAN Module with
Isolation Protection
ADAM-5090
ADAM-5091
Specifications
General
ƒ
Certification
CE, FCC Class A
ƒ
Connector
2 x DB9-M
ƒ
Enclosure
ABS+PC
ƒ
LED Indicator
TX (Yellow), RX (Green) For Each Port
ƒ
Power Consumption
1 W (max.)
Communications
ƒ
CAN Controller
SJA-1000
ƒ
CAN Transceiver
82C250
ƒ
Protocol
CAN2.0 A/B
ƒ
Signal Support
CAN-H, CAN-L
ƒ
Speed
1Mbps
Protection
ƒ
Isolation Protection
1,000 VDC
Note:
only for ADAM-5550 series
Ordering Information
ƒ
ADAM-5095
2-port CAN Module with Isolation Protection
ADAM-5095
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 28-Aug-2013


Similar Part No. - OPT1D

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
OPT1-DB9 ADVANTECH-OPT1-DB9 Datasheet
430Kb / 2P
   1-Port RS-232/422/485 to 802.11a/b/g/n WLAN Serial Device Server
28-Oct-2020
OPT1-DB9 ADVANTECH-OPT1-DB9 Datasheet
572Kb / 2P
   1-port Modbus Gateway/Router
17-Mar-2020
OPT1-DB9E-AE ADVANTECH-OPT1-DB9E-AE Datasheet
545Kb / 2P
   3U CompactPCI® Serial Dual Mini PCIe Carrier Board
13-Dec-2021
OPT1-DB9E-AE ADVANTECH-OPT1-DB9E-AE Datasheet
318Kb / 1P
   2-Port CAN Bus PCIE Card with Isolation Protection
11-Nov-2022
OPT1-M12-CRP-4FA ADVANTECH-OPT1-M12-CRP-4FA Datasheet
519Kb / 2P
   EN 50155 8-Port M12 PoE Unmanaged Ethernet Switch 72/96/110 VDC
25-Nov-2021
More results

Similar Description - OPT1D

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5090 ADVANTECH-ADAM-5090 Datasheet
584Kb / 1P
   4-port RS-232 Module
PCM-3643 ADVANTECH-PCM-3643 Datasheet
341Kb / 1P
   4/8 RS-232 COM Port Module RS-232/422/485 COM Port Module
APAX-5490 ADVANTECH-APAX-5490 Datasheet
376Kb / 1P
   4-port RS-232/422/485 Communication Module
29Jan-2019
APAX-5090P ADVANTECH-APAX-5090P_14 Datasheet
203Kb / 1P
   4-port RS-232/422/485 Communication Module
PCM-3614 ADVANTECH-PCM-3614 Datasheet
114Kb / 1P
   4/8 Port RS-422/485 High-Speed Module 4/8 RS-232 COM Port Module
PCM-3612I ADVANTECH-PCM-3612I Datasheet
273Kb / 1P
   4-port RS-232/422/485 PCI-104 Module
6-Jul-2016
logo
Texas Instruments
SN752232 TI-SN752232_06 Datasheet
228Kb / 14P
[Old version datasheet]   DUAL RS-232 PORT
SN752232 TI-SN752232 Datasheet
171Kb / 11P
[Old version datasheet]   DUAL RS-232 PORT
logo
Coolgear Inc.
MSD-SRF4X COOLGEAR-MSD-SRF4X Datasheet
97Kb / 1P
   INDUSTRIAL 4-PORT RS-232 TO ETHE
8/2/2017
logo
ADL Embedded Solutions
104-COM232-8 ADL-104-COM232-8 Datasheet
356Kb / 2P
   8-port RS-232
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com