Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1160 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1160
Description  10-Bit, 20Msps, TTL-Output ADC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1160 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1160 Datasheet HTML 1Page - Maxim Integrated Products MAX1160 Datasheet HTML 2Page - Maxim Integrated Products MAX1160 Datasheet HTML 3Page - Maxim Integrated Products MAX1160 Datasheet HTML 4Page - Maxim Integrated Products MAX1160 Datasheet HTML 5Page - Maxim Integrated Products MAX1160 Datasheet HTML 6Page - Maxim Integrated Products MAX1160 Datasheet HTML 7Page - Maxim Integrated Products MAX1160 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
10-Bit, 20Msps, TTL-Output ADC
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5.0V, VEE = -5.2V, DVCC = +5.0V, VIN = ±2.0V, VSB = -2.0V, VST = +2.0V, fCLK = 20MHz, 50% clock duty cycle,
TA = TMIN to TMAX, unless otherwise noted.)
V
V
2.4
4.5
Logic 1 Voltage
2.4
4.0
IV
µA
0
5
20
TA = +25°C
Maximum Input
Current Low
0
5
20
V
V
0.8
Logic 0 Voltage
0.8
Pulse Width High (CLK)
ns
20
300
IV
20
300
Maximum Input
Current High
Pulse Width Low (CLK)
µA
ns
20
IV
20
IV
0
5
20
0
5
20
TA = +25°C
TEST
LEVEL
UNITS
MAX1160A
MIN
TYP
MAX
CONDITIONS
PARAMETER
MAX1160B
MIN
TYP
MAX
Logic 1 Voltage
V
2.4
IV
2.4
Logic 0 Voltage
V
0.6
IV
0.6
4.75
5.0
5.25
IV
4.75
5.0
5.25
DVCC
4.75
5.25
IV
4.75
5.25
VCC
Power Dissipation
1.0
1.3
VI
1.0
1.3
-4.95 -5.2
-5.45
IV
-4.95 -5.2
-5.45
-VEE
Power-Supply Rejection
V
1.0
V
1.0
VCC = 5V ±0.25V, VEE = -5.2V ±0.25V
LSB
W
40
55
VI
40
55
DICC
118
145
VI
118
145
ICC
40
57
VI
40
57
-IEE
mA
DIGITAL INPUTS
DIGITAL OUTPUTS
POWER-SUPPLY REQUIREMENTS
Currents
Voltages
TEST LEVEL CODES
All electrical characteristics are subject to the following conditions:
All parameters having min/max specifications are guaranteed. The
Test Level column indicates the specific device testing actually per-
formed during production and Quality Assurance inspection. Any
blank section in the data column indicates that the specification is
not tested at the specified condition.
Unless otherwise noted, all tests are pulsed; therefore,
Tj = TC = TA.
TEST LEVEL
I
II
III
IV
V
VI
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA = +25°C, and sample tested at the specified
temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design and characterization data.
Parameter is a typical value for information purposes only.
100% production tested at TA = +25°C. Parameter is guaranteed over specified
temperature range.
______________________________________________________________Pin Description
NAME
1, 13
DGND
2
D0
PIN
12
D10
15
CLK
3–10
FUNCTION
16, 27
VEE
Digital Ground
D1–D8
TTL Output (LSB)
TTL Outputs
11
D9
TTL Output (MSB)
14, 28
DVCC
+5V Supply (digital)
TTL Output Overrange
Clock
-5.2V Supply (analog)
NAME
20
VST
19
PIN
VFT
21
18, 25
VCC
VIN
FUNCTION
22
17, 26
AGND
VRM
23
VSB
Sense for Top of Reference Ladder
24
VFB
Force for Top of Reference Ladder
+5V Supply (analog)
Analog Input
Analog Ground
Middle of Voltage Reference Ladder
Sense for Bottom of Reference Ladder
Force for Bottom of Reference Ladder


Similar Part No. - MAX1160

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX11600 MAXIM-MAX11600 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX11600 MAXIM-MAX11600 Datasheet
5Mb / 36P
   EV Kit Daughter Board Powered by the Master Board
Rev 0; 3/10
MAX11600EKA++ MAXIM-MAX11600EKA+ Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
More results

Similar Description - MAX1160

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
MAX1161 MAXIM-MAX1161 Datasheet
78Kb / 8P
   10-Bit, 40Msps, TTL-Output ADC
19-1190; Rev 0; 3/97
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
logo
Maxim Integrated Produc...
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1172 MAXIM-MAX1172 Datasheet
84Kb / 12P
   12-Bit, 30Msps, TTL-Output ADC
19-1134; Rev 0; 10/96
logo
Linear Technology
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com