Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1137 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1137
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1137 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1137 Datasheet HTML 2Page - Maxim Integrated Products MAX1137 Datasheet HTML 3Page - Maxim Integrated Products MAX1137 Datasheet HTML 4Page - Maxim Integrated Products MAX1137 Datasheet HTML 5Page - Maxim Integrated Products MAX1137 Datasheet HTML 6Page - Maxim Integrated Products MAX1137 Datasheet HTML 7Page - Maxim Integrated Products MAX1137 Datasheet HTML 8Page - Maxim Integrated Products MAX1137 Datasheet HTML 9Page - Maxim Integrated Products MAX1137 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial 10-Bit ADCs
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = 3.3V (MAX1137/MAX1139), VDD = 5V (MAX1136/MAX1138), fSCL = 1.7MHz, external clock, fSAMPLE = 94.4ksps, single-
ended, unipolar, TA = +25°C, unless otherwise noted.)
-0.3
-0.1
-0.2
0.1
0
0.2
0.3
0
1000
DIFFERENTIAL NONLINEARITY
vs. DIGITAL CODE
DIGITAL OUTPUT CODE
400
200
600
800
-0.5
-0.2
-0.3
-0.4
-0.1
0
0.1
0.2
0.3
0.4
0.5
0400
200
600
800
1000
INTEGRAL NONLINEARITY
vs. DIGITAL CODE
DIGITAL OUTPUT CODE
-160
-140
-120
-100
-80
-60
-40
-20
0
0
10k
20k
30k
40k
50k
FFT PLOT
FREQUENCY (Hz)
fSAMPLE = 94.4ksps
fIN = 10kHz
300
400
350
500
450
600
550
650
750
700
800
-40
-10
5
-25
20
35
50
65
80
SUPPLY CURRENT vs. TEMPERATURE
(MAX1138/MAX1139)
TEMPERATURE (
°C)
INTERNAL REFERENCE
MAX1138/1136
MAX1139/1137
MAX1138/1136
MAX1139/1137
INTERNAL REFERENCE
EXTERNAL REFERENCE
EXTERNAL REFERENCE
SETUP BYTE
EXT REF: 10111011
INT REF: 11011011
0
0.2
0.1
0.4
0.3
0.5
0.6
2.7
5.2
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
INPUT VOLTAGE (V)
3.7
3.2
4.2
4.7
SDA = SCL = VDD
0
0.10
0.05
0.20
0.15
0.30
0.25
0.35
0.45
0.40
0.50
-40
-10
5
-25
20
35
50
65
80
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX1138
MAX1139
200
300
250
350
400
450
500
550
600
650
700
750
800
020 30 40
60
80
100
AVERAGE SUPPLY CURRENT vs.
CONVERSION RATE (EXTERNAL CLOCK)
CONVERSION RATE (ksps)
010
50
70
90
A
B
A) INTERNAL REFERENCE ALWAYS ON
B) EXTERNAL REFERENCE
MAX1138
0.9990
0.9994
0.9992
0.9998
0.9996
1.0002
1.0000
1.0004
1.0008
1.0006
1.0010
-40
-10
5
-25
20
35
50
65
80
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX1138
MAX1139
NORMALIZED TO REFERENCE VALUE
AT +25
°C
0.99990
0.99994
0.99992
0.99998
0.99996
1.00002
1.00000
1.00004
1.00008
1.00006
1.00010
2.7
3.3 3.6 3.9
3.0
4.2 4.5 4.8 5.1 5.4
NORMALIZED REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
VDD (V)
MAX1138/MAX1136,
NORMALIZED TO
REFERENCE VALUE AT
VDD = 5V
MAX1139/MAX1137,
NORMALIZED TO
REFERENCE VALUE AT
VDD = 3.3V


Similar Part No. - MAX1137

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1137 MAXIM-MAX1137 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1137EUA++ MAXIM-MAX1137EUA+ Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1137EUA++ MAXIM-MAX1137EUA+ Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
More results

Similar Description - MAX1137

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com