Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX111BCWE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX111BCWE
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX111BCWE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX111BCWE Datasheet HTML 1Page - Maxim Integrated Products MAX111BCWE Datasheet HTML 2Page - Maxim Integrated Products MAX111BCWE Datasheet HTML 3Page - Maxim Integrated Products MAX111BCWE Datasheet HTML 4Page - Maxim Integrated Products MAX111BCWE Datasheet HTML 5Page - Maxim Integrated Products MAX111BCWE Datasheet HTML 6Page - Maxim Integrated Products MAX111BCWE Datasheet HTML 7Page - Maxim Integrated Products MAX111BCWE Datasheet HTML 8Page - Maxim Integrated Products MAX111BCWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX111
(VDD = 5V ±5%, fXCLK = 1MHz, ÷ 2 mode (DV2 = 1), 81,920 CLK cycles/conv, VREF+ = 1.5V, VREF- = 0V, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
LSB
nA
500
CONDITIONS
IIN+, IIN-
Input Bias Current
(Note 3)
pF
10
-0.667 x VREF ≤ VIN ≤ 0.667 x VREF
-VREF ≤ VIN ≤ VREF
-0.667 x VREF ≤ VIN ≤ 0.667 x VREF
Input Capacitance
-VREF ≤ VIN ≤ VREF
V
0VDD - 3.2
VIN+,
VIN-
Absolute Input Voltage
Range
V
-VREF
+VREF
VIN
Differential Input Voltage
Range
-VREF ≤ VIN ≤ VREF
ppm
15
VDD = 4.75V to 5.25V
Power-Supply Rejection
%FSR
INL
ppm/°C
8
Full-Scale Error
Temperature Drift
Relative Accuracy,
Differential Input
(Notes 3, 5–7)
(Notes 3, 4)
±0.25
±2
%
±0.2
±0.20
DNL
Differential Nonlinearity
(Note 6)
UNITS
MIN
TYP
MAX
SYMBOL
ppm/V
6
(Note 2)
PARAMETER
14 + POL
+ OFL
RES
Resolution
CMRR
mV
±4
Offset Error
Common-Mode Rejection
Ratio
10mV
≤ (VIN+ = VIN-) ≤ 2.0V
Bits
No-Missing-Codes
Resolution
±0.10
(Note 3)
-8
0
±0.05
±0.10
Full-Scale Error
Uncalibrated
±0.03
±0.05
MAX111BM
13 + POL
+ OFL
Bits
±0.18
VIN+ = VIN- = 0V
MAX111BC/E
MAX111AC/E
After gain calibration (Note 5)
VIN ≤ 0.667 x VREF
0V
≤ VIN ≤ VREF
VIN ≤ 0.667 x VREF
0V
≤ VIN ≤ VREF
0V
≤ VIN ≤ VREF
VIN ≤ 0.667 x VREF
%FSR
INL
Relative Accuracy,
Single-Ended Input
(IN- = GND)
±0.25
±0.15
±0.10
±0.1
±0.06
MAX111BM
±0.18
MAX111BC/E
MAX111AC/E
ACCURACY (Note 1)
ANALOG INPUTS
-0.667 x VREF ≤ VIN ≤ 0.667 x VREF


Similar Part No. - MAX111BCWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX111 MAXIM-MAX111 Datasheet
685Kb / 19P
   Convenient Test Points Provided On-Board
Rev 1a; 8/05
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
127Kb / 8P
   Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
More results

Similar Description - MAX111BCWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com