Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1161ACPI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1161ACPI
Description  10-Bit, 40Msps, TTL-Output ADC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1161ACPI Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX1161ACPI Datasheet HTML 1Page - Maxim Integrated Products MAX1161ACPI Datasheet HTML 2Page - Maxim Integrated Products MAX1161ACPI Datasheet HTML 3Page - Maxim Integrated Products MAX1161ACPI Datasheet HTML 4Page - Maxim Integrated Products MAX1161ACPI Datasheet HTML 5Page - Maxim Integrated Products MAX1161ACPI Datasheet HTML 6Page - Maxim Integrated Products MAX1161ACPI Datasheet HTML 7Page - Maxim Integrated Products MAX1161ACPI Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
10-Bit, 40Msps, TTL-Output ADC
Clock Input
The MAX1161 is driven from a single-ended TTL input
(CLK). The CLK pulse width (tpwH) must be kept
between 10ns and 300ns to ensure proper operation of
the internal track/hold amplifier (Figure 1a). When oper-
ating the MAX1161 at sampling rates above 3Msps, it is
recommended that the clock input duty cycle be kept
at 50% to optimize performance (Figure 4). The analog
input signal is latched on the rising edge of CLK.
The clock input must be driven from fast TTL logic (VIH
≤ 4.5V, tRISE <6ns). In the event the clock is driven from
a high current source, use a 100
Ω resistor (R5) in
series to limit current to approximately 45mA.
Digital Outputs
The format of the output data (D0–D9) is straight binary
(Table 2). The outputs are latched on the rising edge of
CLK with a propagation delay typically at 14ns. There is
a one-clock-cycle latency between CLK and the valid
output data (Figure 1a).
The digital outputs’ rise and fall times are not symmetri-
cal. Typical propagation delay is 14ns for the rise time
and 6ns for the fall time (Figure 5). The nonsymmetrical
rise and fall times create approximately 8ns of invalid
data.
Overrange Output
The overrange output (D10) is an indication that the
analog input signal has exceeded the positive full-scale
input voltage by 1LSB. When this condition occurs, D10
will switch to logic 1. All other data outputs (D0–D9) will
remain at logic 1 as long as D10 remains at logic 1.
This feature makes it possible to include the MAX1161
in higher-resolution systems.
Evaluation Board
The MAX1160 EV kit is available to help designers
demonstrate the MAX1160 or MAX1161’s full perfor-
mance. This board includes a reference circuit, clock-
driver circuit, output data latches, and an on-board
reconstruction of the digital data. A separate data sheet
describing the operation of this board is also available.
Contact the factory for price and availability.
43
25
60 65
70 75
35 40
30
45 50
55
51
53
45
47
49
DUTY CYCLE OF POSITIVE CLOCK PULSE (°C)
57
59
55
tpwH
tpwL
DUTY CYCLE =
tpwH
tpwL
ANALOG
INPUT
> +2V + 1/2LSB
+2V - 1LSB
0.0V
0
0
1
OVERRANGE
D10
OUTPUT CODE
D9–D0
1 1 1 111 1111
1 1 1 111 111Ø
ØØ ØØØØ ØØØØ
-2V + 1LSB
0
00 0000 000Ø
< 2V
0
00 0000 0000
Table 2. Output Data Information
CLK IN
DATA
OUT
(ACTUAL)
2.4V
3.5V
2.4V
0.5V
0.8V
tpd1
typ
6ns
N
N + 1
DATA OUT
(EQUIVALENT)
(N - 1)
N
(N - 1)
N
tRISE
6ns
(N - 2)
(N - 2)
14ns typ
INVALID
DATA
INVALID
DATA
INVALID
DATA
INVALID
DATA
Figure 5. Digital Output Characteristics
(Ø indicates the flickering bit between logic 0 and 1.)
Figure 4. SNR vs. Clock Duty Cycle


Similar Part No. - MAX1161ACPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11610 MAXIM-MAX11610 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX11610EEE++ MAXIM-MAX11610EEE+ Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX11610EEE++ MAXIM-MAX11610EEE+ Datasheet
387Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11610EEE++ MAXIM-MAX11610EEE+ Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
MAX11611 MAXIM-MAX11611 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
More results

Similar Description - MAX1161ACPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1160 MAXIM-MAX1160 Datasheet
76Kb / 8P
   10-Bit, 20Msps, TTL-Output ADC
19-1189; Rev 0; 3/97
logo
Exar Corporation
XRD6440 EXAR-XRD6440 Datasheet
1Mb / 28P
   10-BIT 40MSPS CMOS ADC
XRD64L42 EXAR-XRD64L42 Datasheet
204Kb / 16P
   Dual 10-Bit 40MSPS CMOS ADC
XRD64L43 EXAR-XRD64L43 Datasheet
5Mb / 20P
   Dual 10-Bit 40MSPS CMOS ADC
logo
Maxim Integrated Produc...
MAX1206 MAXIM-MAX1206 Datasheet
609Kb / 29P
   40Msps, 12-Bit ADC
Rev 0; 5/04
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
MAX1172 MAXIM-MAX1172 Datasheet
84Kb / 12P
   12-Bit, 30Msps, TTL-Output ADC
19-1134; Rev 0; 10/96
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com