Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX114MRG Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX114MRG
Description  5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX114MRG Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX114MRG Datasheet HTML 1Page - Maxim Integrated Products MAX114MRG Datasheet HTML 2Page - Maxim Integrated Products MAX114MRG Datasheet HTML 3Page - Maxim Integrated Products MAX114MRG Datasheet HTML 4Page - Maxim Integrated Products MAX114MRG Datasheet HTML 5Page - Maxim Integrated Products MAX114MRG Datasheet HTML 6Page - Maxim Integrated Products MAX114MRG Datasheet HTML 7Page - Maxim Integrated Products MAX114MRG Datasheet HTML 8Page - Maxim Integrated Products MAX114MRG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
+5V, 1Msps, 4 & 8-Channel,
8-Bit ADCs with 1µA Power-Down
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VDD = +4.75V, TA = +25°C, unless otherwise noted.) (Note 4)
CL = 50pF
CL = 50pF,
RL = 5.1kΩ to VDD
CL = 100pF (Note 5)
tRD < tINTL,
(Note 5)
ns
50
80
tINTH
RD to INT Delay
(RD Mode)
ns
tCRD +
50
tACC0
Data-Access Time
(RD Mode)
(Note 7)
(Note 6)
ns
160
tACQ
ns
70
tRDY
CS to RDY Delay
ns
0
tCSH
CS to RD, WR
Hold Time
ns
0
tCSS
CS to RD, WR
Setup Time
Minimum Acquisition
Time
ns
60
ns
320
tUP
Power-Up Time
ns
700
tCRD
Conversion Time
(RD Mode)
ns
660
tCWR
Conversion Time
(WR-RD Mode)
tDH
Data Hold Time
85
tCRD +
65
185
85
0
0
70
370
875
90
tCRD +
75
260
100
0
0
80
520
975
TA = TMIN to TMAX
100
75
35
610
Pipelined mode, CL = 50pF
CL = 50pF
185
tRD < tINTL, CL = 100pF
(Note 5)
235
tRD < tINTL,
determined by tACC1
tRD > tINTL, determined by
tACC2
60
205
0.35
ns
80
tIHWR
WR to INT Delay
ns
65
tREAD2
RD Pulse Width
(WR-RD Mode)
Pipelined mode, CL = 100pF
ns
30
tAH
ns
380
500
tINTL
WR to INT Delay
ns
150
tRI
RD to INT Delay
ns
185
tACC1
Data-Access Time
(WR-RD Mode)
Multiplexer Address
Hold Time
ns
45
ns
160
tREAD1
RD Pulse Width
(WR-RD Mode)
µs
0.25
tRD
Delay Between
WR
and
RD Pulses
µs
0.25
10
tWR
WR Pulse Width
tID
Data-Access Time
after
INT
0.28
10
120
85
40
700
220
275
70
240
0.45
0.4
10
110
tRD > tINTL, CL = 100pF
(Note 5)
ns
90
tACC2
Data-Access Time
(WR-RD Mode)
130
Note 4: Input control signals are specified with tr = tf = 5ns, 10% to 90% of 5V, and timed from a voltage level of 1.6V.
Note 5: See Figure 1 for load circuit. Parameter defined as the time required for the output to cross 0.8V or 2.4V.
Note 6: See Figure 2 for load circuit. Parameter defined as the time required for the data lines to change 0.5V.
Note 7: Also defined as the Minimum Address-Valid to Convert-Start Time.
MAX11_C/E
TA = +25°C
ALL GRADES
CONDITIONS
MIN
MAX
MIN
MAX
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX11_M
CL = 20pF
CL = 100pF
685
865
1125


Similar Part No. - MAX114MRG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11410 MAXIM-MAX11410 Datasheet
1Mb / 95P
   24-Bit Multi-Channel Low-Power
Rev 0; 5/16
MAX11410 MAXIM-MAX11410 Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
MAX11410A MAXIM-MAX11410A Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
MAX11410AATI++ MAXIM-MAX11410AATI+ Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
More results

Similar Description - MAX114MRG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX153 MAXIM-MAX153 Datasheet
444Kb / 12P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
19-4740; Rev 1; 10/93
MAX153 MAXIM-MAX153_V01 Datasheet
895Kb / 13P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
2012
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX113 MAXIM-MAX113 Datasheet
106Kb / 12P
   3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
19-1081; Rev 1; 8/96
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com