Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1171 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1171
Description  12-Bit, 20Msps, TTL-Output ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1171 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1171 Datasheet HTML 4Page - Maxim Integrated Products MAX1171 Datasheet HTML 5Page - Maxim Integrated Products MAX1171 Datasheet HTML 6Page - Maxim Integrated Products MAX1171 Datasheet HTML 7Page - Maxim Integrated Products MAX1171 Datasheet HTML 8Page - Maxim Integrated Products MAX1171 Datasheet HTML 9Page - Maxim Integrated Products MAX1171 Datasheet HTML 10Page - Maxim Integrated Products MAX1171 Datasheet HTML 11Page - Maxim Integrated Products MAX1171 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
12-Bit, 20Msps, TTL-Output ADC
_______________________________________________________________________________________
9
AGND and DGND are the two grounds available on the
MAX1171. These two internal grounds are isolated on
the device. The use of ground planes is recommended
to achieve optimum device performance. DGND is
needed for the DVCC return path (40mA typical) and for
the return path for all digital output logic interfaces.
AGND and DGND should be separated from each
other and connected together only at the device
through a ferrite bead.
A Schottky or hot carrier diode connected between
AGND and VEE is required. The use of separate power
supplies between VCC and DVCC is not recommended
due to potential power-supply sequencing latchup con-
ditions. Use of the recommended interface circuit shown
in Figure 2 will provide optimum device performance for
the MAX1171.
Voltage Reference
The MAX1171 requires the use of two voltage refer-
ences: VFT and VFB. VFT is the force for the top of the
voltage reference ladder (+2.5V typical), VFB (-2.5V
typical) is the force for the bottom of the voltage refer-
ence ladder. Both voltages are applied across an inter-
nal reference ladder resistance of 800
Ω. The +2.5V
voltage source for reference VFT must be current limit-
ed to 20mA maximum if a different driving circuit is
used in place of the recommended reference circuit
shown in Figures 2 and 3.
In addition, there are five reference ladder taps (VST,
VRT1, VRT2, VRT3, and VSB). VST is the sense for the
top of the reference ladder (+2.0V), VRT2 is the mid-
point of the ladder (0.0V typical), and VSB is the sense
for the bottom of the reference ladder (-2.0V). VRT1 and
VRT3 are quarter-point ladder taps (+1.0V and -1.0V
typical, respectively). The voltages seen at VST and
VSB are the true full-scale input voltages of the device
when VFT and VFB are driven to the recommended volt-
ages (+2.5V and -2.5V typical, respectively). VST and
VSB can be used to monitor the actual full-scale input
voltage of the device. VRT1, VRT2, and VRT3 should not
be driven to the expected ideal values, as is commonly
done with standard flash converters. A decoupling
capacitor of 0.01µF connected to AGND from each tap
is recommended to minimize high-frequency noise
injection.
The analog input range will scale proportionally with
respect to the reference voltage if a different input
range is required. The maximum scaling factor for
device operation is ±20% of the recommended refer-
ence voltages of VFT and VFB. However, because the
MAX1171 is laser trimmed to optimize performance
with ±2.5V references, its accuracy will degrade if
operated beyond a ±2% range.
An example of a recommended reference driver circuit
is shown in Figure 2. IC1 is REF-03, the +2.5V refer-
ence with a tolerance of 0.6% or ±0.015V. The 10k
potentiometer supports an adjustable range of 150mV.
IC2 is recommended to be an OP-07 or equivalent
device. R2 and R3 must be matched to within 0.1%
with good TC tracking to maintain a 0.3LSB matching
between VFT and VFB. If 0.1% matching is not met, then
potentiometer R4 can be used to adjust the VFB voltage
to the desired level. Adjust R1 and R4 such that VST
and VSB are exactly +2.0V and -2.0V, respectively.
The following errors are defined:
+FS error = top of ladder offset voltage
=
∆(+FS - VST)
-FS error = bottom of ladder offset voltage
=
∆(-FS - VSB)
Where the +FS (full scale) input voltage is defined as
the output 1LSB above the transition of 1–10 and 1–11,
and the -FS input voltage is defined as the output 1LSB
below the transition of 0–00 and 0–01.
VFT
VIN
VCC
VEE
Figure 3. Analog Equivalent Input Circuit


Similar Part No. - MAX1171

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1172 MAXIM-MAX1172 Datasheet
84Kb / 12P
   12-Bit, 30Msps, TTL-Output ADC
19-1134; Rev 0; 10/96
More results

Similar Description - MAX1171

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1160 MAXIM-MAX1160 Datasheet
76Kb / 8P
   10-Bit, 20Msps, TTL-Output ADC
19-1189; Rev 0; 3/97
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1172 MAXIM-MAX1172 Datasheet
84Kb / 12P
   12-Bit, 30Msps, TTL-Output ADC
19-1134; Rev 0; 10/96
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
logo
Maxim Integrated Produc...
MAX1161 MAXIM-MAX1161 Datasheet
78Kb / 8P
   10-Bit, 40Msps, TTL-Output ADC
19-1190; Rev 0; 3/97
MAX1422 MAXIM-MAX1422 Datasheet
727Kb / 15P
   12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
Rev 1; 5/04
logo
Linear Technology
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com