Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWA-1320-00E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FWA-1320-00E
Description  Desktop Entry-Level Network Appliance based on Intel짰 Atom??C2000 System On Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-1320-00E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FWA-1320-00E Datasheet HTML 1Page - Advantech Co., Ltd. FWA-1320-00E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
FWA-1320
Dimensions
Unit: mm
280
Ordering Information
P/N
Description
FWA-1320-00E
C2358 (2C / 1.7GHz) with 2Gbps Quick assist
2 DIMM sockets, up to 1333 MHz
6 LAN ports (4 ports with 2 segment advanced
bypass + 2 management ports)
FWA-1320-01E
C2558 (4C / 2.4GHz) with 5Gbps Quick assist
2 DIMM sockets, up to 1600 MHz
6 LAN ports ( 4 ports with 2 segment advanced
bypass + 2 management ports)
Accessories
Part Number
Description
1702002600
Power cord 3P 180 cm, USA
1702002605
Power cord 3P 180 cm, Europe
1702031801
Power cord 3P 180 cm, UK
1700000237
Power cord 3P 180 cm, JP
1700009652
Power cord 3P 180 cm, China
Packing List
Part Number
Description
1700018950
Cable RJ-45 to Console 9P 220 cm
96PSA-A84W12V1
ADAPTER 100-240V 84W 12V 7A W/PFC


Similar Part No. - FWA-1320-00E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FWA-1320-00E ADVANTECH-FWA-1320-00E Datasheet
453Kb / 2P
   Tabletop Network Appliance with Intel® Atom™ Processor C2000 for vE-CPE and Network Applications
3-May-2018
More results

Similar Description - FWA-1320-00E

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
NCA-1210 LANNER-NCA-1210 Datasheet
412Kb / 2P
   Compact x86 Desktop Network Appliance with Intel Atom C2000 SoC CPU
FW-7525 LANNER-FW-7525 Datasheet
510Kb / 2P
   Fanless Desktop x86 Network Platform with Intel짰 Atom??C2000 Series ?쏳angeley??Processor
logo
Cirrus Logic
EP9301 CIRRUS-EP9301 Datasheet
297Kb / 41P
   Entry-level ARM9 System-on-chip Processor
logo
Advantech Co., Ltd.
FWA-3220 ADVANTECH-FWA-3220 Datasheet
472Kb / 2P
   1U Rackmount Network Appliance based on the Intel짰 Platform for Communications Infrastructure
logo
List of Unclassifed Man...
FW-7551 ETC2-FW-7551 Datasheet
343Kb / 4P
   Desktop x86 Network Security Platform with Intel짰 Atom짰 C2000 Processor
100LX ETC2-100LX Datasheet
168Kb / 2P
   Network Device System-on-Chip
logo
Silicom Ltd.
RCC-DFF SILICOM-RCC-DFF Datasheet
684Kb / 2P
   Intel짰 Atom C2000 x86 Network Board with 2 RJ45 GbE Ports
logo
Lanner All Rights Reser...
NCA-1031 LANNER-NCA-1031 Datasheet
1Mb / 2P
   Desktop Fanless x86 Network Appliance with Intel짰 Atom??N4200/N3350 Processor (Codenamed Apollo Lake)
logo
List of Unclassifed Man...
DYNACOR10-00 ETC2-DYNACOR10-00 Datasheet
581Kb / 3P
   EN50155 qualified Rugged and low power Based on Intel짰 Atom?
FW-7573 ETC2-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com