Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1133 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1133
Description  16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1133 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1133 Datasheet HTML 1Page - Maxim Integrated Products MAX1133 Datasheet HTML 2Page - Maxim Integrated Products MAX1133 Datasheet HTML 3Page - Maxim Integrated Products MAX1133 Datasheet HTML 4Page - Maxim Integrated Products MAX1133 Datasheet HTML 5Page - Maxim Integrated Products MAX1133 Datasheet HTML 6Page - Maxim Integrated Products MAX1133 Datasheet HTML 7Page - Maxim Integrated Products MAX1133 Datasheet HTML 8Page - Maxim Integrated Products MAX1133 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
16-Bit ADC, 200ksps, 5V Single-Supply
with Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +5V ±5%, fSCLK = 4.8MHz, external clock (50% duty cycle), 24 clocks/conversion (200ksps), bipolar input, external
VREF = +4.096V, VREFADJ = AVDD, CREF = 2.2µF, CCREF = 1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Capacitive Bypass at REF
0.47
10
µF
Maximum Capacitive Bypass at
REFADJ
10
µF
REFADJ Output Voltage
4.096
V
REFADJ Input Range
For small adjustments from 4.096V
±100
mV
REFADJ Buffer Disable
Threshold
To power-down the internal reference
AVDD -
0.5V
AVDD -
0.1V
V
Buffer Voltage Gain
1
V/V
EXTERNAL REFERENCE (Reference buffer disabled. Reference applied to REF)
Input Range (Notes 5 and 6)
3.0
4.096
4.2
V
VREF = 4.096V, fSCLK = 4.8MHz
250
VREF = 4.096V, fSCLK = 0
230
Input Current
In power-down, fSCLK = 0
0.1
µA
DIGITAL INPUTS
Input High Voltage
VIH
2.4
V
Input Low Voltage
VIL
0.8
V
Input Leakage
IIN
VIN = 0 or DVDD
±1
µA
Input Hysteresis
VHYST
0.2
V
Input Capacitance
CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage
VOH
ISOURCE = 0.5mA
DVDD -
0.5
V
ISINK = 5mA
0.4
Output Low Voltage
VOL
ISINK = 16mA
0.8
V
Three-State Leakage Current
IL
CS = DVDD
±10
µA
Three-State Output
Capacitance
CS = DVDD
10
pF
POWER SUPPLIES
Analog Supply (Note 7)
AVDD
4.75
5
5.25
V
Digital Supply (Note 7)
DVDD
4.75
5
5.25
V
Unipolar mode
5
8
Bipolar mode
8.5
11
mA
Analog Supply Current
IANALOG
SHDN = 0, or software power-down mode
0.3
10
µA
Unipolar or bipolar mode
2.5
3.5
mA
Digital Supply Current
IDIGITAL
SHDN = 0, or software power-down mode
2.2
10
µA
Power-Supply Rejection Ratio
(Note 8)
PSRR
AVDD = DVDD = 4.75V to 5.25V
72
dB


Similar Part No. - MAX1133

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1133 MAXIM-MAX1133 Datasheet
235Kb / 8P
   Convenient Test Points Provided On-Board
Rev 1; 12/06
MAX1133 MAXIM-MAX1133 Datasheet
127Kb / 8P
   Convenient Test Points Provided On-Board
Rev 0; 3/97
MAX11330 MAXIM-MAX11330 Datasheet
3Mb / 37P
   3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 3/12
MAX11330 MAXIM-MAX11330 Datasheet
3Mb / 37P
   3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 1; 6/12
MAX11330ATJ++ MAXIM-MAX11330ATJ+ Datasheet
3Mb / 37P
   3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 3/12
More results

Similar Description - MAX1133

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1200 MAXIM-MAX1200 Datasheet
204Kb / 16P
   5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
19-1413; Rev 0; 12/98
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com