Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1136KEUA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1136KEUA
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1136KEUA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1136KEUA Datasheet HTML 1Page - Maxim Integrated Products MAX1136KEUA Datasheet HTML 2Page - Maxim Integrated Products MAX1136KEUA Datasheet HTML 3Page - Maxim Integrated Products MAX1136KEUA Datasheet HTML 4Page - Maxim Integrated Products MAX1136KEUA Datasheet HTML 5Page - Maxim Integrated Products MAX1136KEUA Datasheet HTML 6Page - Maxim Integrated Products MAX1136KEUA Datasheet HTML 7Page - Maxim Integrated Products MAX1136KEUA Datasheet HTML 8Page - Maxim Integrated Products MAX1136KEUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Note 1: For DC accuracy, the MAX1136/MAX1138 are tested at VDD = 5V and the MAX1137/MAX1139 are tested at VDD = 3V. All
devices are configured for unipolar, single-ended inputs.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range and
offsets have been calibrated.
Note 3: Offset nulled.
Note 4: Conversion time is defined as the number of clock cycles needed for conversion multiplied by the clock period. Conversion
time does not include acquisition time. SCL is the conversion clock in the external clock mode.
Note 5: A filter on the SDA and SCL inputs suppresses noise spikes and delays the sampling instant.
Note 6: The absolute input-voltage range for the analog inputs (AIN0–AIN11) is from GND to VDD.
Note 7: When the internal reference is configured to be available at AIN_/REF (SEL[2:1] = 11) decouple AIN_/REF to GND with a
0.01µF capacitor.
Note 8: ADC performance is limited by the converter’s noise floor, typically 300µVP-P.
Note 9: Measured as for the MAX1137/MAX1139
and for the MAX1136/MAX1138
Note 10: A master device must provide a data hold time for SDA (referred to VIL of SCL) in order to bridge the undefined region of
SCL’s falling edge (see Figure 1).
Note 11: CB = total capacitance of one bus line in pF.
Note 12: fSCL must meet the minimum clock low time plus the rise/fall times.
VV
VV
V
VV
FS
FS
REF
N
(.
)
( .
)
(.
.
)
55
45
21
55
45
[]×
VV
V
V
V
VV
FS
FS
REF
N
(.
)
( .
)
(.
.
)
36
27
21
36
27
[]×
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial 10-Bit ADCs
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS (Figure 1) (continued)
(VDD = 2.7V to 3.6V (MAX1137/MAX1139), VDD = 4.5V to 5.5V (MAX1136/MAX1138), VREF = 2.048V (MAX1137/MAX1139), VREF =
4.096V (MAX1136/MAX1138), CREF = 0.1µF, fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C. See Tables 1–5 for programming notation.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Rise Time of SCL Signal
(Current Source Enabled)
tRCL
Measured from 0.3VDD to 0.7VDD
20
80
ns
Rise Time of SCL Signal after
Acknowledge Bit
tRCL1
Measured from 0.3VDD to 0.7VDD
20
160
ns
Fall Time of SCL Signal
tFCL
Measured from 0.3VDD to 0.7VDD
20
80
ns
Rise Time of SDA Signal
tRDA
Measured from 0.3VDD to 0.7VDD
20
160
ns
Fall Time of SDA Signal
tFDA
Measured from 0.3VDD to 0.7VDD
20
160
ns
Setup Time for STOP (P) Condition
tSU, STO
160
ns
Capacitive Load for Each Bus Line
CB
400
pF
Pulse Width of Spike Suppressed
tSP
(Notes 10 and 12)
0
10
ns


Similar Part No. - MAX1136KEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1136 MAXIM-MAX1136 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1136EUA++ MAXIM-MAX1136EUA+ Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1136EUA++ MAXIM-MAX1136EUA+ Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
More results

Similar Description - MAX1136KEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com