Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX118CAI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX118CAI
Description  5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX118CAI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX118CAI Datasheet HTML 1Page - Maxim Integrated Products MAX118CAI Datasheet HTML 2Page - Maxim Integrated Products MAX118CAI Datasheet HTML 3Page - Maxim Integrated Products MAX118CAI Datasheet HTML 4Page - Maxim Integrated Products MAX118CAI Datasheet HTML 5Page - Maxim Integrated Products MAX118CAI Datasheet HTML 6Page - Maxim Integrated Products MAX118CAI Datasheet HTML 7Page - Maxim Integrated Products MAX118CAI Datasheet HTML 8Page - Maxim Integrated Products MAX118CAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
+5V, 1Msps, 4 & 8-Channel,
8-Bit ADCs with 1µA Power-Down
_______________________________________________________________________________________
5
1.5
0.6
-60
140
CONVERSION TIME
vs. AMBIENT TEMPERATURE
0.8
0.7
1.4
TEMPERATURE (°C)
20
1.1
1.0
0.9
-20
100
60
1.3
1.2
VDD = +4.75V
VDD = +5V
VDD = +5.25V
8.0
6.0
1k
10k
100k
EFFECTIVE NUMBER OF BITS vs.
INPUT FREQUENCY (WR-RD MODE)
INPUT FREQUENCY (Hz)
1M
7.5
7.0
6.5
fSAMPLE = 1MHz
VIN = 4.96Vp-p
0
0
400
SIGNAL-TO-NOISE RATIO
-100
-80
-40
-20
FREQUENCY (kHz)
300
-60
100
200
500
SAMPLE
FREQUENCY = 1MHz
SNR = 48.2dB
VDD = 4.75V
INPUT FREQUENCY =
195.8ksps
VIN = 4.72Vp-p
50
0
100k
AVERAGE POWER CONSUMPTION
vs. SAMPLING RATE USING PWRDN
10
40
SAMPLING RATE (CONVERSIONS/SEC)
1k
20
30
10k
1M
5
6
0
75
100
150 175
250
TOTAL UNADJUSTED ERROR
vs. POWER-UP TIME
1
4
POWER-UP TIME, tUP (ns)
125
200
225
3
2
12
0
-60
SUPPLY CURRENT vs. TEMPERATURE
(EXCLUDING REFERENCE CURRENT)
2
4
6
8
10
TEMPERATURE (°C)
60
100
140
-20
20
__________________________________________Typical Operating Characteristics
(VDD = +5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX118CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX118 MAXIM-MAX118 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1180 MAXIM-MAX1180 Datasheet
573Kb / 20P
   Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
19-2097; Rev 0; 7/01
MAX1180 MAXIM-MAX1180 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
MAX11800 MAXIM-MAX11800 Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
More results

Similar Description - MAX118CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX153 MAXIM-MAX153 Datasheet
444Kb / 12P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
19-4740; Rev 1; 10/93
MAX153 MAXIM-MAX153_V01 Datasheet
895Kb / 13P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
2012
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX113 MAXIM-MAX113 Datasheet
106Kb / 12P
   3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
19-1081; Rev 1; 8/96
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com