Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC-5345SS1-P1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIC-5345SS1-P1E
Description  AdvancedTCA, Dual/Single Socket CPU Blade with Intel짰 Xeon짰 E5-2600 v3 Series Processors for Server and NFV Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIC-5345SS1-P1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIC-5345SS1-P1E Datasheet HTML 1Page - Advantech Co., Ltd. MIC-5345SS1-P1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
ƒ Two SKUs available with one and two Intel® Xeon® E5-2600 v3 Series
processors
ƒ Intel® C610 series server class PCH
ƒ Sixteen DDR4 VLP DIMMs with ECC support
ƒ Two 40GBASE-KR4 Fabric ports
ƒ Two 10/100/BASE-T BI ports
ƒ Two 10/100/1000Base-T front panel ports
ƒ One Fabric Mezzanine Module (type II) for optional front I/O
ƒ On-board VGA port
ƒ Extended Storage options (2x SSD / 2x CFAST)
MIC-5345
AdvancedTCA, Dual/Single Socket CPU Blade
with Intel® Xeon® E5-2600 v3 Series Processors
for Server and NFV Applications
Introduction
Advantech’s MIC-5345 is a 40G dual processor ATCA blade based on the Intel® server platform formerly codenamed "Grantley". MIC-5345 is offered in two main configurations: As a
dual processor blade supporting 16 DDR4 VLP DIMM slots it offers best in class memory support at lowest cost making it an ideal choice for typical server workloads and virtualized
application scenarios such as NFV. Up to 512GB memory capacity allow users to harness the full capabilities of the Intel® E5-2600v3 series processors with up to 24 cores and 48
threads for virtualization by providing an high amount of physical memory per virtual machine.
In a single processor configuration, the MIC-5345 offers a very attractive price point for applications which require lower processing power such as control plane and orchestration.
With support for 8 DIMM sockets, two 2.5" SSDs and the processing performance offered by a 12 core Intel® E5-2600v3 processor, the MIC-5345 comes with an optimized feature
set and outperforms 1st and 2nd generation dual socket ATCA blades resulting in a major cost reduction.
Both blade configurations feature two 10/40GbE fabric ports based on the Intel® Ethernet controller XL710-AM2 with fast PCI Express gen. 3 technology running at up to 8Gbps per
lane and best-in-class virtualization support.
Two QPI interfaces between the CPUs improve memory and I/O access throughput and latencies when one processor needs to access resources hosted by the other socket. With eight
DDR4 DIMMs per socket in a quad channel design running at up to 2133MT/s (1866MT/s with two DIMMs per channel populated) and RAM density up to 512GB, the MIC-5345
offers the latest memory technology with higher performance and lower power compared to DDR3 technology. It outperforms previous generation dual socket designs while keeping
similar thermal characteristics.
The dual socket SKU of MIC-5345 supports a a Fabric Mezzanine Module type II socket with PCIe x8 connectivity providing extension possibilities for additional front port I/O, offload
and acceleration controllers such as the Intel® Communications Chipset 89xx Series, other IPSec offload engines or customer specific logic. The single socket MIC-5345 SKU features
two additional CFAST sockets instead of an FMM site.
The onboard IPMI firmware based on Advantech’s IPMI core offers greater modularity and flexibility for the customization of system management features, and provides the framework
for added value features enhancing Reliability, Availability, Serviceability, Usability and Manageability (RASUM) of the product. HPM.1 based updates are available for all programmable
components (BIOS, BIOS Settings, IPMC firmware, FPGA) including rollback support. Advantech’s IPMI solution, combined with an optimized UEFI BIOS, continues to offer advanced
features used on previous generation MIC-533x blades, such as HPM.2 support, Dynamic Power Budgeting, BIOS redundancy, Real Time Clock Synchronization and MAC Mirroring.
Advantech IPMI firmware has been tested for CP-TA compliance using the Polaris Networks ATCA Test Suite and against a variety of AdvancedTCA shelf management solutions.
The MIC-5345 can be easily customized based on Advantech’s unique Customized COTS framework with custom FMMs, modifications of the on-board system FPGA, IPMI and/or
BIOS firmware.
RoHS
COMPLIANT
2002/95/EC
Dual CPU SKU with 16 DIMM Support
Single CPU SKU with Extended Storage Support
8 DDR4 VLP DIMMs
2x CFAST (optional)
2x 2.5" SSDs
Zone3 connectors
16 DDR4 VLP DIMMs
FMM type II site
User/Status LEDs
40GbE/10GbE
Fabric Interfaces
VGA port
Console port
USB ports
Two 10/100/1000BASE-T ports
All product specifications are subject to change without notice
Last updated : 2-Jul-2015


Similar Part No. - MIC-5345SS1-P1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-5342SA1-P1E ADVANTECH-MIC-5342SA1-P1E Datasheet
846Kb / 2P
   AdvancedTCA, Dual Socket CPU Blade with Intel짰 Xeon짰 E5-2600 v3 Series Processors for Telecom Applications
MIC-5342SA1-P2E ADVANTECH-MIC-5342SA1-P2E Datasheet
846Kb / 2P
   AdvancedTCA, Dual Socket CPU Blade with Intel짰 Xeon짰 E5-2600 v3 Series Processors for Telecom Applications
MIC-5342SA1-P3E ADVANTECH-MIC-5342SA1-P3E Datasheet
846Kb / 2P
   AdvancedTCA, Dual Socket CPU Blade with Intel짰 Xeon짰 E5-2600 v3 Series Processors for Telecom Applications
MIC-5342SA2-P1E ADVANTECH-MIC-5342SA2-P1E Datasheet
846Kb / 2P
   AdvancedTCA, Dual Socket CPU Blade with Intel짰 Xeon짰 E5-2600 v3 Series Processors for Telecom Applications
MIC-5342SA2-P2E ADVANTECH-MIC-5342SA2-P2E Datasheet
846Kb / 2P
   AdvancedTCA, Dual Socket CPU Blade with Intel짰 Xeon짰 E5-2600 v3 Series Processors for Telecom Applications
More results

Similar Description - MIC-5345SS1-P1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-5342 ADVANTECH-MIC-5342_15 Datasheet
846Kb / 2P
   AdvancedTCA, Dual Socket CPU Blade with Intel짰 Xeon짰 E5-2600 v3 Series Processors for Telecom Applications
MIC-5332 ADVANTECH-MIC-5332 Datasheet
1Mb / 2P
   AdvancedTCA짰 10GbE Dual Socket CPU Blade with Intel짰 Xeon짰 E5-2600 Processors
MIC-5333 ADVANTECH-MIC-5333 Datasheet
1Mb / 2P
   AdvancedTCA, Dual Socket CPU Blade with Intel짰 Xeon짰 E5 Series Processors, Dual-Dual 40G Fabric Interface and Acceleration Support
ASMB-922I ADVANTECH-ASMB-922I Datasheet
1Mb / 4P
   Intel짰 Xeon짰 E5-2600 series Dual 2011 Socket EATX Server Board with 4 PCIe Expansion Slots
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
CGS-6000 ADVANTECH-CGS-6000_15 Datasheet
207Kb / 1P
   2U Carrier Grade Server based on Dual Intel짰 Xeon짰 Processor E5-2600 v2 Series
logo
Intel Corporation
E5-1600 INTEL-E5-1600 Datasheet
2Mb / 258P
   Intel짰 Xeon짰 Processor E5-1600/ E5-2600/E5-4600 Product Families
May 2012
logo
Advantech Co., Ltd.
MIC-5322 ADVANTECH-MIC-5322 Datasheet
272Kb / 2P
   AdvancedTCA짰 10GbE Dual Socket CPU Blade with Intel짰 Xeon짰 5500 Series Processor
logo
List of Unclassifed Man...
FX-3411 ETC2-FX-3411 Datasheet
206Kb / 2P
   3U Cloud Storage Appliance with Two Intel짰 Xeon짰 E5-2600 Series processors (Sandy/Ivy Bridge-EP)
logo
Advantech Co., Ltd.
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
   1U Rackmount Intel Xeon E5-2600 v3 GPU server
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com