Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1172CBH Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1172CBH
Description  12-Bit, 30Msps, TTL-Output ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1172CBH Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1172CBH Datasheet HTML 3Page - Maxim Integrated Products MAX1172CBH Datasheet HTML 4Page - Maxim Integrated Products MAX1172CBH Datasheet HTML 5Page - Maxim Integrated Products MAX1172CBH Datasheet HTML 6Page - Maxim Integrated Products MAX1172CBH Datasheet HTML 7Page - Maxim Integrated Products MAX1172CBH Datasheet HTML 8Page - Maxim Integrated Products MAX1172CBH Datasheet HTML 9Page - Maxim Integrated Products MAX1172CBH Datasheet HTML 10Page - Maxim Integrated Products MAX1172CBH Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
12-Bit, 30Msps, TTL-Output ADC
_______________________________________________________________________________________
7
tD
tPWH
tPWL
N
N + 1
N + 2
N-2
N-1
DATA VALID
N
DATA VALID
N + 1
CLK
OUTPUT
DATA
15
CLK Low Pulse Width
tPWL
15
300
CLK High Pulse Width
tPWH
14
18
CLK to Data Valid Prop Delay
tD
MIN
TYP
MAX
DESCRIPTION
PARAMETER
Figure 1a. Timing Diagram
ns
ns
ns
UNITS
Table 1. Timing Parameters
tD
DATA VALID
CLK
OUTPUT
DATA
Figure 1b. Single-Event Clock
_______________Detailed Description
The MAX1172 requires few external components to
achieve the stated operation and performance. Figure
2 shows the typical interface requirements when using
the MAX1172 in normal circuit operation. The following
section provides a description of the pin functions and
outlines critical performance criteria for achieving the
optimal device performance.
Power Supplies and Grounding
The MAX1172 requires -5.2V and +5V analog supply
voltages. The +5V supply is common to analog VCC
and digital DVCC. A ferrite bead in series with each
supply line reduces the transient noise injected into the
analog VCC. These beads should be connected as
close to the device as possible. The connection
between the beads and the MAX1172 should not be
shared with any other device. Bypass each power-sup-
ply pin as close to the device as possible. Use 0.1µF
for VEE and VCC, and 0.01µF for DVCC (chip capacitors
are preferred).


Similar Part No. - MAX1172CBH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results

Similar Description - MAX1172CBH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
MAX1160 MAXIM-MAX1160 Datasheet
76Kb / 8P
   10-Bit, 20Msps, TTL-Output ADC
19-1189; Rev 0; 3/97
MAX1161 MAXIM-MAX1161 Datasheet
78Kb / 8P
   10-Bit, 40Msps, TTL-Output ADC
19-1190; Rev 0; 3/97
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com