Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCC-06-SG-HC-NS-TR Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # SCC-06-SG-HC-NS-TR
Description  SIM CARD 6 PIN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

SCC-06-SG-HC-NS-TR Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  SCC-06-SG-HC-NS-TR Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SCC-06-SG-HC-NS-TR

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SCC-06-SG-HC-NS-NP-TR ADAM-TECH-SCC-06-SG-HC-NS-NP-TR Datasheet
84Kb / 1P
   SIM CARD 6 PIN
More results

Similar Description - SCC-06-SG-HC-NS-TR

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SCC-06-SG-HC-NS-NP-TR ADAM-TECH-SCC-06-SG-HC-NS-NP-TR Datasheet
84Kb / 1P
   SIM CARD 6 PIN
SCC-A-06-SG-HC-TR ADAM-TECH-SCC-A-06-SG-HC-TR Datasheet
93Kb / 1P
   SIM CARD 6 PIN
SCC-A-06-SG-HC-15-TR ADAM-TECH-SCC-A-06-SG-HC-15-TR Datasheet
93Kb / 1P
   SIM CARD 6 PIN
logo
SUYIN USA, INC.
250058MA006G102ZL SUYIN-USA-250058MA006G102ZL Datasheet
180Kb / 1P
   SIM CARD CONNECTOR 6 PIN
logo
Major League Electronic...
SIMS32 MAJOR-LEAGUE-SIMS32 Datasheet
111Kb / 2P
   6 Pin Surface Mount SIM Connector
logo
Adam Technologies, Inc.
SCC-08-SG-HC ADAM-TECH-SCC-08-SG-HC Datasheet
104Kb / 1P
   SIM CARD 8 PIN
logo
Yamaichi Electronics Co...
FMS006-5000-0 YAMAICHI-FMS006-5000-0_09 Datasheet
191Kb / 1P
   SIM card 6-pin Contact bend prevention design Manual connector
logo
Major League Electronic...
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
   SIM Card Connector Push/Push Type 6 or 8 Pin
SIMS22 MAJOR-LEAGUE-SIMS22 Datasheet
85Kb / 2P
   6 or 8 Pin Surface Mount SIM Connector
logo
Global Connector Techno...
SIM7200 GCT-SIM7200 Datasheet
242Kb / 4P
   Micro SIM Card Connector Hinged Type, 6 Pin, SMT, 1.75mm Profile
8th September 2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com